Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NDP4060L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NDP4060L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP4060L Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Maximum Continuos Drain-Source Diode Forward Current
15
A
I
SM
Maximum Pulsed Drain-Source Diode Forward Current
45
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 7.5 A (Note 1)
0.95
1.3
V
T
J = 125°C
0.88
1.2
t
rr
Reverse Recovery Time
V
GS = 0 V, I F = 15 A,
dI
F /dt = 100 A/µs
51
100
ns
I
rr
Reverse Recovery Current
3.6
7
A
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Note:
1. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0%.
NDP4060L Rev. B / NDB4060L Rev. C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn