Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP4060 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NDP4060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP4060 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDP4060 Datasheet HTML 1Page - Fairchild Semiconductor NDP4060 Datasheet HTML 2Page - Fairchild Semiconductor NDP4060 Datasheet HTML 3Page - Fairchild Semiconductor NDP4060 Datasheet HTML 4Page - Fairchild Semiconductor NDP4060 Datasheet HTML 5Page - Fairchild Semiconductor NDP4060 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NDP4060 Rev. C
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage Variation
with Current and Temperature
.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Typical Electrical Characteristics (continued)
-50
-25
0
25
50
75
100
125
150
175
0.9
0.95
1
1.05
1.1
1.15
T
, JUNCTION TEMPERATURE (°C)
I
= 250µA
D
J
0.4
0.6
0.8
1
1.2
1.4
0.1
0.2
0.5
1
2
5
10
20
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
0
5
10
15
20
0
5
10
15
20
Q
, GATE CHARGE (nC)
g
I
= 15A
D
V
= 12V
DS
24V
48V
1
2
3
5
10
20
30
60
30
50
100
200
300
500
700
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
G
D
S
VDD
R
L
V
V
IN
OUT
V
GS
DUT
R
GEN
Figure 11. Switching Test Circuit.
Figure 12. Switching Waveforms
.
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn