Electronic Components Datasheet Search |
|
HD3SS213ZQER Datasheet(PDF) 6 Page - Texas Instruments |
|
HD3SS213ZQER Datasheet(HTML) 6 Page - Texas Instruments |
6 / 14 page HD3SS213 SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013 www.ti.com RECOMMENDED OPERATING CONDITIONS Typical values for all parameters are at VCC = 3.3 V and TA = 25°C. All temperature limits are specified by design. PARAMETER TEST CONDITIONS MIN NOM MAX UNITS VDD Supply voltage 3.0 3.3 3.6 V Control pins, Signal pins (Dx_SEL, AUX_SEL, VIH Input high voltage 2.0 VDD V OE, HPDx) VDD/2 VDD/2 VIM Input mid level voltage AUX_SEL pin - 300 VDD/2 + 300 V mV mV Control pins, Signal pins (Dx_SEL, AUX_SEL, VIL Input low voltage -0.1 0.8 V OE, HPDx) VI/O_Diff Differential voltage (Dx, AUXx) Switch I/O diff voltage 0 1.8 Vpp Dx switching I/O common mode 0 2.0 voltage VI/O_CM Switch I/O common mode voltage V AUXx switching I/O common mode 0 3.6 voltage Operating free-air temperature –40 105 °C Input high current (Dx_SEL, IIH VDD = 3.6 V, VIN = VDD 1 µA AUX_SEL) IIM Input mid level current (AUX_SEL) VDD = 3.6V, VIN = VDD/2 1 µA Input low current (Dx_SEL, IIL VDD = 3.6 V, VIN = GND 1 µA AUX_SEL) Leakage current (Dx_SEL, VDD = 3.3 V, VI = 2 V, OE = 3.3 V 1 AUX_SEL) VDD = 3.3 V, VI = 2 V, OE = 3.3V; Dx_SEL = ILK 1 µA 3.3 V Leakage current (HPDx) VDD = 3.3 V, VI = 2 V, OE = 3.3V; Dx_SEL = 1 GND Ioff Device shut down current VDD = 3.6 V, OE = GND 2.5 IDD Supply current VDD = 3.6 V, Dx_SEL/AUX_SEL = VDD/GND 0.6 1 mA DA, DB, DC HIGH SPEED SIGNAL PATH CON Outputs ON capacitance VI = 0 V, Outputs Open, Switch ON 1.5 pF COFF Outputs OFF capacitance VI = 0 V, Outputs Open, Switch OFF 1 pF RON ON resistance VDD = 3.3 V, VCM = 0.5 V–1.5 V, IO = –40 mA 8 12 Ω On resistance match between pairs ΔRON VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2V, IO = –40mA 1.5 Ω of the same channel On resistance flatness, RON(max) – RFLAT_ON VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2 V 1.3 Ω RON(min) AUXx, DDC SIGNAL PATH CON Outputs ON capacitance VI = 0 V, Outputs Open, Switch ON 9 pF COFF Outputs OFF capacitance VI = 0 V, Outputs Open, Switch OFF 3 pF RON(AUX) ON resistance VDD = 3.3 V, VCM = 0V – VDD, IO = –8 mA 6 10 Ω RON(DDC) ON resistance on DDC channel(1) VDD = 3.3V, VCM = 0.4V, IO = -3mA 20 30 Ω (1) For Display port applications, check the connection diagram in Figure 4 and Figure 5. 6 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: HD3SS213 |
Similar Part No. - HD3SS213ZQER |
|
Similar Description - HD3SS213ZQER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |