Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB4050 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NDB4050
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB4050 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NDB4050 Datasheet HTML 1Page - Fairchild Semiconductor NDB4050 Datasheet HTML 2Page - Fairchild Semiconductor NDB4050 Datasheet HTML 3Page - Fairchild Semiconductor NDB4050 Datasheet HTML 4Page - Fairchild Semiconductor NDB4050 Datasheet HTML 5Page - Fairchild Semiconductor NDB4050 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuos Drain-Source Diode Forward Current
15
A
I
SM
Maximum Pulsed Drain-Source Diode Forward Current
45
A
V
SD
Source-Drain Diode Forward Voltage
V
GS = 0 V, IS = 7.5 A (Note 1)
0.95
1.3
V
T
J = 125°C
0.88
1.2
t
rr
Reverse Recovery Time
V
GS = 0 V, IF = 15 A,
dI
F/dt = 100 A/µs
25
46
100
ns
I
rr
Reverse Recovery Current
1.5
3.4
7
A
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Note:
1. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0%.
NDP4050 Rev. B


Similar Part No. - NDB4050

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB4050 ISC-NDB4050 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
NDB4050L FAIRCHILD-NDB4050L Datasheet
68Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDB4050L VBSEMI-NDB4050L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
NDB4050L ISC-NDB4050L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB4050

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com