Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDLL914A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDLL914A
Description  Small Signal Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL914A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDLL914A Datasheet HTML 1Page - Fairchild Semiconductor FDLL914A Datasheet HTML 2Page - Fairchild Semiconductor FDLL914A Datasheet HTML 3Page - Fairchild Semiconductor FDLL914A Datasheet HTML 4Page - Fairchild Semiconductor FDLL914A Datasheet HTML 5Page - Fairchild Semiconductor FDLL914A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N/FDLL 914A/B / 916/A/B / 4148 / 4448 Rev. 1.1.1
2
Electrical Characteristics(2)
Values are at TA = 25°C unless otherwise noted.
Note:
2. Non-recurrent square wave PW= 8.3 ms.
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR= 100 μA100
V
IR= 5.0 μA75
V
VF
ForwardVoltage
1N914B/4448
IF= 5.0 mA
0.62
0.72
V
1N916B
IF= 5.0 mA
0.63
0.73
V
1N914 / 916 / 4148 IF= 10 mA
1.0
V
1N914A/916A
IF= 20 mA
1.0
V
1N916B
IF= 20 mA
1.0
V
1N914B / 4448
IF= 100 mA
1.0
V
IR
Reverse Leakage
VR= 20 V
0.025
μA
VR= 20 V, TA= 150°C50
μA
VR= 75 V
5.0
μA
CT
TotalCapacitance
1N916A/B/4448
VR = 0, f = 1.0 MHz
2.0
pF
1N914A/B/4148
VR = 0, f = 1.0 MHz
4.0
pF
trr
Reverse Recovery Time
IF = 10 mA, VR = 6.0 V (600 mA)
Irr = 1.0 mA, RL = 100 Ω
4.0
ns


Similar Part No. - FDLL914A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL914A FAIRCHILD-FDLL914A Datasheet
78Kb / 4P
   Small Signal Diode
FDLL914A FAIRCHILD-FDLL914A Datasheet
336Kb / 10P
   General Purpose Diodes
FDLL914A FAIRCHILD-FDLL914A Datasheet
101Kb / 4P
   Small Signal Diode
FDLL914A FAIRCHILD-FDLL914A Datasheet
116Kb / 4P
   Small Signal Diode
logo
SUNMATE electronic Co.,...
FDLL914A SUNMATE-FDLL914A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - FDLL914A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com