Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N7E50-XA16PK-20 Datasheet(PDF) 2 Page - 3M Electronics

Part No. N7E50-XA16PK-20
Description  3M™ CF Card Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.comesd
Logo 3M - 3M Electronics

N7E50-XA16PK-20 Datasheet(HTML) 2 Page - 3M Electronics

  N7E50-XA16PK-20 Datasheet HTML 1Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 2Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 3Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 4Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MCF Card Header
CompactFlash
 Type I, Surface Mount
7E50 Series
Pin Type
Interface Dim A
Pin No.
detect
3.50 [ .138 ]
25, 26
general
4.25 [ .167 ]
all other pins
power
5.00 [ .197 ]
1, 13, 38 & 50
TS-0662-21
Sheet 2 of 4
mm
[Inch]
mm
Tolerance Unless Noted
[ ] Dimensions for
Reference only
± .3
.000
.00
.0
± .15
Ordering Information
Note: Normal ( Option “7" ) style shown. For Inverse style rotate polarization keys and pin call outs 180
°.
N7E50-X516XX-20
Plating
VU = Au Flash over 25
µ″ [ 0.64µm ] PdNi with Sn-Pb
PG = Au Flash over 25u" [.64um] PdNi with Au Flash tails
(RoHS compliant)
PK = Au Flash over 20 u" [0.5um] PdNi with Au flash tails
(RoHS compliant)
Options: CF Card Polarization
7 = Normal
A = Inverse
26.5
[ 1.04 ]
40.16
[ 1.581 ]
23.5
[ .93 ]
16.0
[ .63 ]
11.3
[ .44 ]
35.9
[ 1.41 ]
46.6
[ 1.83 ]
0.75
[ .030 ]
0.635 Typ
[ .0250 ]
43.03
± 0.06
[ 1.694 ]
1.40
± 0.05
[ .055 ]
(See note )
1.27 Typ
[ .050 ]
2X .89
± 0.05
[ .035 ]
2X Ø
2.20
[ .087 ]
2X 4.00
[ .157 ]
1.00
[ .039 ]
1.50
[ .059 ]
19.00
[ .748 ]
2.54
[ .100 ]
1.75
[ .069 ]
2X 2.00
[ .079 ]
1.8
[ .07 ]
9.50
[ .374 ]
A
11.0
[ .43 ]
4.5
[ .18 ]
2X 2.71
[ .107 ]
6.64
± 0.08
[ .261 ]
.79
± 0.05
[ .031 ]
(See note)
Ø1.50
[ .059 ]
Pin 1
Pin 50
Pin 26
Pin 25
Pin 13
Pin 38
5.00
[ .197 ]
40.16
[ 1.58 ]
30.48 Ref
[ 1.200 ]
Pin 1
Pin 50
Pin 26
Pin 25
Pin 13
Pin 38
2.00
[ .079 ]
Section A-A
-B-
-A-
A
A
0.64
[ .025 ]
-A-
3.50
[ .138 ]
2.5
[ .098 ]
3.50
± 0.08
[ .138 ]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn