Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N7E50-XA16PK-20 Datasheet(PDF) 4 Page - 3M Electronics

Part No. N7E50-XA16PK-20
Description  3M™ CF Card Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.comesd
Logo 3M - 3M Electronics

N7E50-XA16PK-20 Datasheet(HTML) 4 Page - 3M Electronics

  N7E50-XA16PK-20 Datasheet HTML 1Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 2Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 3Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 4Page - 3M Electronics N7E50-XA16PK-20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MCF Card Header
CompactFlash
 Type I, Surface Mount
7E50 Series
TS-0662-21
Sheet 4 of 4
Note: Use of either an ejector or a retainer clip excludes the use of the other.
Right Button Ejector 3M Part D7E50-7316-03
( Order Separately - See note )
26.5
[ 1.04 ]
4.0
[ .16 ]
Ejecting Length
52.1
[ 2.05 ]
Marking Area
Centerline of Header
7.0 [ .28 ]
Pushing Length
4.0
[ .16 ]
5.5
[ .22 ]
7.0 Ref
[ .28 ]
for sliding length
43.9 Ref
[ 1.73 ]
23.82 Ref
[ .938 ]
25.81 Ref
[ 1.016 ]
17.4 Ref
[ .69 ]
0.75 Ref
[ .030 ]
7.1 [ .28 ]
Installed height
Material
Holder: Glass Filled LCP
Button: PBT
Plate: Stainless Steel
2X 7.16
[ .282 ]
CF Card Retainer Clip 3M Part 3505-34
Material: 1.0mm Dia, Type 302 Stainless
Steel wire per ASTM A-313
( Order Separately - See note )
47.0 Ref
[ 1.85 ]
2X 4.6
[ .18 ]
18.0
[ .71 ]
38.9
[ 1.53 ]
6.38
[ .251 ]
2X 4.42
[ .174 ]
34.8
[ 1.37 ]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn