Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

441549 Datasheet(PDF) 3 Page - 3M Electronics

Part # 441549
Description  3M??Accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

441549 Datasheet(HTML) 3 Page - 3M Electronics

  441549 Datasheet HTML 1Page - 3M Electronics 441549 Datasheet HTML 2Page - 3M Electronics 441549 Datasheet HTML 3Page - 3M Electronics 441549 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Appendix E5: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under
Item 6 of the Annex to the Directive.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
CHINA
Appendix C1: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that the
product or part does not contain any of the following substances in excess of the following maximum concentration values in any
homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated
diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix C2: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for Certain
Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or
polybrominated diphenyl ethers (excluding decaBDE); or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in
writing, this information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.
RIA-2217A-E


Similar Part No. - 441549

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44150 MOLEX-44150 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
44150-0001 MOLEX-44150-0001 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
44150-0002 MOLEX-44150-0002 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
44150-0002 MOLEX6-44150-0002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
44150-0003 MOLEX-44150-0003 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
More results

Similar Description - 441549

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TR-600 3M-TR-600 Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
3M Electronics
30NF 3M-30NF Datasheet
524Kb / 9P
   3M FastbondTM
9969 3M-9969 Datasheet
344Kb / 2P
   3M??Transfer Adhesive Tape featuring 3M??PCAT
9691020000DA 3M-9691020000DA Datasheet
378Kb / 5P
   3M??Shunt
MP180 3M-MP180 Datasheet
764Kb / 1P
   3M??PocketProjector
logo
List of Unclassifed Man...
RYC8220-3M ETC-RYC8220-3M Datasheet
149Kb / 2P
   RYC8220-3M
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com