Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C512YI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24C512YI-GT3
Description  512 kb I2C CMOS Serial EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C512YI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24C512YI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C512YI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT24C512
http://onsemi.com
2
PDIP−8 (L)
SOIC−8 (W, X)
TSSOP−8 (Y)
UDFN−8 (HU5)
MARKING DIAGRAMS
24512A = Specific Device Code
A
= Assembly Location Code
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
XXX
= Last Three Digits of Assembly Lot Number
G
= Pb−Free Microdot
24512A
AYMXXX
C9L
ALL
YM
24512A
AXXX
YYWWG
C12A
AYMXXX
C12A
= Specific Device Code
A
= Assembly Location Code
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
XXX
= Last Three Digits of Assembly Lot Number
G
= Pb−Free Microdot
24512A = Specific Device Code
A
= Assembly Location Code
XXX
= Last Three Digits of Assembly Lot Number
YY
= Production Year (Last Two Digits)
WW
= Production Week (Two Digit)
G
= Pb−Free Designator
C9L
= Specific Device Code
A
= Assembly Location Code
LL
= Last Two Digits of Assembly Lot Number
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
G
= Pb−Free Microdot
G
G
G
C9
= Specific Device Code
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
A
= Assembly Location Code
XX
= Last Two Digits of Assembly Lot Number
G
= Pb−Free Microdot
MSOP−8 (Z)
C9YM
AXX
G


Similar Part No. - CAT24C512YI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512YI-GT3 ONSEMI-CAT24C512YI-GT3 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24C512YI-GT3 ONSEMI-CAT24C512YI-GT3 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAT24C512YI-GT3 ONSEMI-CAT24C512YI-GT3 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results

Similar Description - CAT24C512YI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAT24C512C8UTR ONSEMI-CAT24C512C8UTR Datasheet
99Kb / 11P
   EEPROM Serial 512-Kb I2C
September, 2018 ??Rev. 0
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com