Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8551IDGKTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551IDGKTG4
Description  16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8551IDGKTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8551IDGKTG4 Datasheet HTML 5Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 6Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 7Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 8Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 9Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 10Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 11Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 12Page - Texas Instruments DAC8551IDGKTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8010
ToCode:8000
Glitch:0.08nV-s
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8000
ToCode:80FF
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:80FF
ToCode:8000
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
-40
-50
-60
-70
-80
-90
-100
0
5
1
2
3
4
f
(kHz)
OUT
THD
2ndHarmonic
3rdHarmonic
V
=5V
DD
V
=4.9V
REF
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
-10
-30
-50
-70
-90
-110
-130
0
20
5
10
15
Frequency(kHz)
V
=5V
DD
V
=4.096V
REF
f
=1kHz
OUT
f
=1MSPS
CLK
98
96
94
92
90
88
86
84
0
0.5
1.0
1.5
2.0
3.0
3.5
4.5
2.5
4.0
5.5
f
(kHz)
OUT
V
REF
DD
=V
=5V
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
DAC8551
SLAS429B – APRIL 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = +25°C, unless otherwise noted.
GLITCH ENERGY: 5V, 16LSB STEP, FALLING EDGE
GLITCH ENERGY: 5V, 256LSB STEP, RISING EDGE
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION
GLITCH ENERGY: 5V, 256LSB STEP, FALLING EDGE
vs OUTPUT FREQUENCY
Figure 21.
Figure 22.
SIGNAL-TO-NOISE RATIO
vs OUTPUT FREQUENCY
POWER SPECTRAL DENSITY
Figure 23.
Figure 24.
9
Submit Documentation Feedback


Similar Part No. - DAC8551IDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551IDGKT TI-DAC8551IDGKT Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8551IDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com