Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1760U Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1760U
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1760U Datasheet(HTML) 3 Page - Texas Instruments

  PCM1760U Datasheet HTML 1Page - Texas Instruments PCM1760U Datasheet HTML 2Page - Texas Instruments PCM1760U Datasheet HTML 3Page - Texas Instruments PCM1760U Datasheet HTML 4Page - Texas Instruments PCM1760U Datasheet HTML 5Page - Texas Instruments PCM1760U Datasheet HTML 6Page - Texas Instruments PCM1760U Datasheet HTML 7Page - Texas Instruments PCM1760U Datasheet HTML 8Page - Texas Instruments PCM1760U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
®
3
PCM1760P/U DF1760P/U
MODEL
PACKAGE
THD +N (fs)
SNR
PCM1760P
PDIP
–90dB
108dB
PCM1760U
SOIC
–90dB
108dB
PCM1760P-L
PDIP
–88dB
106dB
PCM1760U-L
SOIC
–88dB
106dB
DF1760P
PDIP
NA
NA
DF1760U
SOIC
NA
NA
Supply Voltage .................................................................................... 7.0V
Voltage Mismatch ............................................................................... 0.1V
Digital Input ............................................................................... +V
DD +0.5V
V
SS –0.5V
Input Current
±20mA
Power Dissipation/P ....................................................................... 460mW
Power Dissipation/U ....................................................................... 440mW
Lead Temperature/P (soldering, 10s) .............................................. 260
°C
Lead Temperature/U (soldering, 10s, reflow) ................................... 235
°C
Operating Temperature .......................................................... 0
°C to +70°c
Storage Temperature ...................................................... –50
°C to +125°C
Supply Voltage .....................................................................................
±6V
Voltage Mismatch ............................................................................... 0.1V
Analog Input ........................................................................................
±V
CC
Digital Input ............................................................................... +V
DD +0.3V
GND –0.3V
Power Dissipation/P ....................................................................... 580mW
Power Dissipation/U ....................................................................... 550mW
Lead Temperature/P (soldering, 10s) .............................................. 260
°C
Lead Temperature/U (soldering, 10s) .............................................. 235
°C
Operating Temperature ......................................................... 0
°C to +70°C
Storage Temperature ...................................................... –50
°C to +125°C
ABSOLUTE MAXIMUM RATINGS—PCM1760
ABSOLUTE MAXIMUM RATINGS—DF1760
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ORDERING INFORMATION
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PCM1760P
28-Pin PDIP
800
PCM1760U
28-Pin SOIC
804
PCM1760P-L
28-Pin PDIP
800
PCM1760U-L
28-Pin SOIC
804
DF1760P
28-Pin PDIP
801
DF1760U
28-Pin SOIC
805
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
PIN ASSIGNMENTS PCM1760
PIN
I/O(1)
NAME
DESCRIPTION
1
O
Out-2R
Right Channel Second Integrator Output
2
I
In-2R
Right Channel Second Integrator Input
3
O
Out-1R
Right Channel First Integrator Output
4
I
In-1R
Right Channel First Integrator Input
5
SERVO DC
Servo Amp Decoupling Capacitor
6–
+VCC
+5V Analog Supply Voltage
7
AGND
Analog Common
8–
–VCC
–5V Analog Supply Voltage
9
BGDC
Band Gap Reference Decoupling Capacitor
10
NC
No Connection
11
I
In-1L
Left Channel First Integrator Input
12
O
Out-1L
Left Channel First Integrator Output
13
I
In-2L
Left Channel Second Integrator Input
14
O
Out-2L
Left Channel Second Integrator Output
15
NC
No Connection
16
BPODC-L
Left Channel Bipolar Offset Decoupling Capacitor
17
O
L/RCK
LR Clock Output (64fs)
18
O
Strobe
Data Strobe Output (128fs)
19
I
256fs
256fs Clock Input
20
–VDD
–5V Digital Supply Voltage
21
DGND
Digital Common
22
+VDD
+5V Digital Supply Voltage
23
O
D0
D0 Data Output (LSB)
24
O
D1
D1 Data Output
25
O
D2
D2 Data Output
26
O
D3
D3 Data Output (MSB)
27
BPODC-R
Right Channel Bipolar Offset Decoupling Capacitor
28
NC
No Connection
Top View
SOIC/DIP
PCM1760
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Out-2R
In-2R
Out-1R
In-1R
SERVO DC
+V
CC
AGND
–V
CC
BGDC
NC
In-1L
Out-1L
In-2L
Out-2L
NC
BPODC-R
D
3
D
2
D
1
D
0
+V
DD
DGND
–V
DD
256fs
Strobe
L/RCK
BPODC-L
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NOTE: (1) O = Output terminal; I = Input terminal.


Similar Part No. - PCM1760U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1760U BURR-BROWN-PCM1760U Datasheet
201Kb / 15P
   Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
More results

Similar Description - PCM1760U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1760P BURR-BROWN-PCM1760P Datasheet
201Kb / 15P
   Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
logo
NXP Semiconductors
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
logo
SINOWEALTH Electronic L...
SH79F085 SINOWEALTH-SH79F085 Datasheet
1Mb / 97P
   Enhanced 8051 Microcontroller with 20-Bit ADC
V2.2
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
483Kb / 29P
   16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030 Datasheet
3Mb / 602P
   ENHANCED 32-BIT MICROPROCESSOR
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com