Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0402GK-10L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RL0402GK-10L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0402GK-10L Datasheet(HTML) 5 Page - YAGEO Corporation

  RL0402GK-10L Datasheet HTML 1Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 2Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 3Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 4Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 5Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 6Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 7Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 8Page - YAGEO Corporation RL0402GK-10L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
5
9
SERIES
RL
0402 to 2512
TYPE / RESISTANCE
RANGE
TEMPERATURE COEFFICIENT
OF RESISTANCE
100mX≤R<500mX
500mX≤R<1X
RL0402 100mΩ≤R<1Ω
±800 ppm/°C
±300 ppm/°C
10mX≤R≤36mX
36mX<R≤91mX
91mX<R≤500mX
500mX<R<1X
RL0603 10mΩ≤R<1Ω
±1,500 ppm/°C
±1,200 ppm/°C
±800 ppm/°C
±300 ppm/°C
10mX≤R≤18mX 18mX<R≤47mX 47mX<R≤91mX 91mX<R≤360mX 360mX<R≤500mX 500mX<R<1X
RL0805
±1,500 ppm/°C ±1,200 ppm/°C
±1,000 ppm/°C
±600 ppm/°C
±300 ppm/°C
±200 ppm/°C
RL1206
±1,500 ppm/°C ±1,200 ppm/°C
±1,000 ppm/°C
±600 ppm/°C
±300 ppm/°C
±200 ppm/°C
RL1210
±1,500 ppm/°C ±1,000 ppm/°C
±800 ppm/°C
±600 ppm/°C
±300 ppm/°C
±200 ppm/°C
RL2010
±1,500 ppm/°C ±1,200 ppm/°C
±1,000 ppm/°C
±600 ppm/°C
±300 ppm/°C
±200 ppm/°C
RL2512
10mΩ≤R<1Ω
±1,500 ppm/°C ±1,200 ppm/°C
±800 ppm/°C
±600 ppm/°C
±300 ppm/°C
±200 ppm/°C
10mX≤R≤30mX
30mX<R≤56mX
56mX<R≤180mX
180mX<R<1X
RL1218 10mΩ≤R<1Ω
±2,000 ppm/°C
±1,000 ppm/°C
±700 ppm/°C
±250 ppm/°C
ELECTRICAL CHARACTERISTICS
Table 2
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
PACKING STYLE
REEL DIMENSION RL0402 RL0603 RL0805 RL1206 RL1210 RL1218 RL2010 RL2512
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
5,000
---
---
---
10" (254 mm)
20,000
10,000
10,000
10,000
10,000
---
---
---
13" (330 mm)
50,000
20,000
20,000
20,000
20,000
---
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
4,000
4,000
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity


Similar Part No. - RL0402GK-10L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0402GK-130R105L YAGEO-RL0402GK-130R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0402GK-130R12L YAGEO-RL0402GK-130R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0402GK-130R1L YAGEO-RL0402GK-130R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0402GK-13100RL YAGEO-RL0402GK-13100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0402GK-1310RL YAGEO-RL0402GK-1310RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0402GK-10L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com