Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7705IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IPWR
Description  Micropower Supply Voltage Supervisors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7705IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLC7705IPWR Datasheet HTML 1Page - Texas Instruments TLC7705IPWR Datasheet HTML 2Page - Texas Instruments TLC7705IPWR Datasheet HTML 3Page - Texas Instruments TLC7705IPWR Datasheet HTML 4Page - Texas Instruments TLC7705IPWR Datasheet HTML 5Page - Texas Instruments TLC7705IPWR Datasheet HTML 6Page - Texas Instruments TLC7705IPWR Datasheet HTML 7Page - Texas Instruments TLC7705IPWR Datasheet HTML 8Page - Texas Instruments TLC7705IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
www.ti.com
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Supply voltage(2)
7
V
Input voltage range, CONTROL, RESIN, SENSE(2)
–0.3 to 7
V
IOL
Maximum low output current
10
mA
IOH
Maximum high output current,
–10
mA
IIK
Input clamp current, (VI < 0 or VI > VDD)
±10
mA
IOK
Output clamp current, (VO 0 or VO > VDD)
±10
mA
Continuous total power dissipation
See Dissipation Rating Table
TL77xxI
–40 to 84
°C
Operating free-air
TA
TL77xxQ
–40 to 125
°C
temperature range
TL77xxM
–55 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/°C
377 mW
145 mW
DRB
FK
1375 mW
11.0 mW/°C
715 mW
275 mW
JG
1050 mW
8.4 mW/°C
546 mW
210 mW
P
1000 mW
8.0 mW/°C
520 mW
200 mW
PW
525 mW
4.2 mW/°C
273 mW
105 mW
U
700 mW
5.5 mW/°C
370 mW
150 mW
RECOMMENDED OPERATING CONDITIONS
at specified temperature range
MIN
MAX
UNIT
VDD
Supply voltage
2
6
V
VI
Input voltage
0
VDD
V
VIH
High-level input voltage at RESIN and CONTROL(1)
0.7×VDD
V
VIL
Low-level input voltage at RESIN and CONTROL(1)
0.2×VDD
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
2
mA
Δt/ΔV
input transition rise and fall rate at RESIN and CONTROL
100
ns/ V
TLC77xxI
–40
85
Operating free-air
TA
TLC77xxQ
–40
125
°C
temperature range
TLC77xxM
–55
125
(1)
To ensure a low supply current, VIL should be kept <0.3 V and VIH > VDD –0.3 V.
Copyright © 1994–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705


Similar Part No. - TLC7705IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7705IPWR TI-TLC7705IPWR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705IPWR TI-TLC7705IPWR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705IPWR TI1-TLC7705IPWR Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705IPWR TI1-TLC7705IPWR Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705IPWRG4 TI-TLC7705IPWRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results

Similar Description - TLC7705IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com