Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7830IPWTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7830IPWTG4
Description  8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7830IPWTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7830IPWTG4 Datasheet HTML 7Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 8Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 9Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 10Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 11Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 12Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 13Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 14Page - Texas Instruments ADS7830IPWTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Microcontroller
+2.7V to +3.6V
1 F to
m
10 F
m
+
2kW
2kW
5W
1 F to
m
10 F
m
+
0.1 F
m
ADS7830
REF /
IN
REF
OUT
CH0
V
DD
SDA
SCL
A0
A1
GND
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
ADS7830
www.ti.com
SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012
THEORY OF OPERATION
REFERENCE
The ADS7830 is a classic Successive Approximation
Register (SAR) A/D converter. The architecture is
The ADS7830 can operate with an internal 2.5V
based on capacitive redistribution which inherently
reference or an external reference. If a +5V supply is
includes a sampleand- hold function. The converter is
used, an external +5V reference is required in order
fabricated on a 0.6µ CMOS process.
to provide full dynamic range for a 0V to +VDD analog
input. This external reference can be as low as
The ADS7830 core is controlled by an internally
50mV. When using a +2.7V supply, the internal +2.5V
generated free-running clock. When the ADS7830 is
reference will provide full dynamic range for a 0V to
not performing conversions or being addressed, it
+VDD analog input.
keeps the A/D converter core powered off, and the
internal clock does not operate.
As the reference voltage is reduced, the analog
voltage weight of each digital output code is reduced.
The simplified diagram of input and output for the
This is often referred to as the LSB (least significant
ADS7830 is shown in Figure 13.
bit) size and is equal to the reference voltage divided
by 256. This means that any offset or gain error
ANALOG INPUT
inherent in the A/D converter will appear to increase,
in terms of LSB size, as the reference voltage is
When the converter enters the hold mode, the
reduced.
voltage on the selected CHx pin is captured on the
internal capacitor array. The input current on the
The noise inherent in the converter will also appear to
analog inputs depends on the conversion rate of the
increase with lower LSB size. With a 2.5V reference,
device. During the sample period, the source must
the internal noise of the converter typically contributes
charge the internal sampling capacitor (typically
only 0.02LSB peak-to-peak of potential error to the
25pF). After the capacitor has been fully charged,
output code. When the external reference is 50mV,
there is no further input current. The amount of
the potential error contribution from the internal noise
charge transfer from the analog source to the
will be 50 times larger—1LSB. The errors due to the
converter is a function of conversion rate.
internal noise are Gaussian in nature and can be
reduced by averaging consecutive conversion results.
Figure 13. Simplified I/O of the ADS7830
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS7830


Similar Part No. - ADS7830IPWTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830IPWT BURR-BROWN-ADS7830IPWT Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results

Similar Description - ADS7830IPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com