Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7830IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7830IPWR
Description  8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7830IPWR Datasheet(HTML) 2 Page - Texas Instruments

  ADS7830IPWR Datasheet HTML 1Page - Texas Instruments ADS7830IPWR Datasheet HTML 2Page - Texas Instruments ADS7830IPWR Datasheet HTML 3Page - Texas Instruments ADS7830IPWR Datasheet HTML 4Page - Texas Instruments ADS7830IPWR Datasheet HTML 5Page - Texas Instruments ADS7830IPWR Datasheet HTML 6Page - Texas Instruments ADS7830IPWR Datasheet HTML 7Page - Texas Instruments ADS7830IPWR Datasheet HTML 8Page - Texas Instruments ADS7830IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
2
3
4
5
6
7
8
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
+V
DD
SDA
SCL
A1
A0
COM
REF
/ REF
IN
OUT
GND
16
15
14
13
12
11
10
9
ADS7830
SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY ERROR
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
NUMBER
MEDIA, QUANTITY
ADS7830IPWT
Tape and Reel, 250
ADS7830I
±0.5
TSSOP-16
PW
–40°C to +125°C
ADS7830IPWR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
+VDD to GND
–0.3 to +6
V
Digital Input Voltage to GND
–0.3 to +VDD + 0.3
V
Operating Temperature Range
–40 to +125
°C
Storage Temperature Range
–65 to +150
°C
Junction Temperature (TJ max)
+150
°C
TSSOP Package
Power Dissipation
(TJ max – TA)/θJA
θJA Thermal Impedance
240
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PIN DESCRIPTIONS
PIN CONFIGURATION
PIN
NAME
DESCRIPTION
1
CH0
Analog Input Channel 0
PW PACKAGE
2
CH1
Analog Input Channel 1
TSSOP-16
(Top View)
3
CH2
Analog Input Channel 2
4
CH3
Analog Input Channel 3
5
CH4
Analog Input Channel 4
6
CH5
Analog Input Channel 5
7
CH6
Analog Input Channel 6
8
CH7
Analog Input Channel 7
9
GND
Analog Ground
REFIN /
10
Internal +2.5V Reference, External Reference Input
REFOUT
11
COM
Common to Analog Input Channel
12
A0
Slave Address Bit 0
13
A1
Slave Address Bit 1
14
SCL
Serial Clock
15
SDA
Serial Data
16
+VDD
Power Supply, 3.3V Nominal
2
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: ADS7830


Similar Part No. - ADS7830IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results

Similar Description - ADS7830IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com