Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1258IRTCTG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IRTCTG4
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IRTCTG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1258IRTCTG4 Datasheet HTML 12Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 13Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 14Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 15Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 16Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 17Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 18Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 19Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
t
SAMPLE
ON
OFF
S
1
S
2
OFF
ON
S
1
S
1
AVSS + 1.3V
R
AIN = ReffB || 2ReffA
AVSS + 1.3V
R
effA = 190kΩ
R
effB = 78kΩ
(f
CLK = 16MHz)
R
effA = 190kΩ
ADCINN
ADCINP
C
A1 = 0.65pF
C
B = 1.6pF
C
A2 = 0.65pF
ADCINN
S
2
AVSS + 1.3V
S
2
AVSS + 1.3V
ADCINP
Equivalent
Circuit
R
eff = tSAMPLE/CX
NOTE: ESD input diodes not shown.
ADS1258
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
www.ti.com
ADC INPUTS
As with the multiplexer and reference inputs, ESD
diodes protect the ADC inputs. To keep these diodes
The
ADS1258
ADC
inputs
(ADCINP,
ADCINN)
from turning on, make sure the voltages on the input
measure the input signal using internal capacitors
pins do not go below AVSS by more than 100mV,
that are continuously charged and discharged. The
and likewise do not exceed AVDD by more than
left side of Figure 37 shows a simplified schematic of
100mV.
the ADC input circuitry; the right side of Figure 37
shows the input circuitry with the capacitors and
switches replaced by an equivalent circuit. Figure 36
shows the ON/OFF timings of the switches shown in
Figure 37. S1 switches close during the input
sampling phase. With S1 closed, CA1 charges to
ADCINP, CA2 charges to ADCINN, and CB charges to
(ADCINP
– ADCINN). For the discharge phase, S1
opens first and then S2 closes. CA1 and CA2 discharge
to approximately AVSS + 1.3V and CB discharges to
0V. This two-phase sample/discharge cycle repeats
with a period of tSAMPLE = 2/fCLK.
Figure 36. S1 and S2 Switch Timing for Figure 37
The charging of the input capacitors draws a transient
current from the source driving the ADS1258 ADC
inputs. The average value of this current can be used
to calculate an effective impedance (Reff) where Reff =
VIN/IAVERAGE. These impedances scale inversely with
fCLK. For example, if fCLK is reduced by a factor of
two, the impedances will double.
Figure 37. Simplified ADC Input Structure
16
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258


Similar Part No. - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCT TI-ADS1258IRTCT Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com