Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-484PGC1C-G5-3B Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # LL-484PGC1C-G5-3B
Description  4.8mm Round Wide Viewing Angle Type Pure Green LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-484PGC1C-G5-3B Datasheet(HTML) 1 Page - Lucky Light Electronic

  LL-484PGC1C-G5-3B Datasheet HTML 1Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 2Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 3Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 4Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 5Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 6Page - Lucky Light Electronic LL-484PGC1C-G5-3B Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Jun/30/2009
Page: 1 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Part No.: LL-484PGC1C-G5-3B
4.8mm Round Wide Viewing Angle Type
Pure Green LED
Technical Data Sheet


Similar Part No. - LL-484PGC1C-G5-3B

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484PGC1C-G5-3B LUCKY-LIGHT-LL-484PGC1C-G5-3B Datasheet
135Kb / 7P
   Pure Green LED
LL-484PGC1C-G5-3B LUCKY-LIGHT-LL-484PGC1C-G5-3B_15 Datasheet
135Kb / 7P
   Pure Green LED
More results

Similar Description - LL-484PGC1C-G5-3B

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484PGC1C-G5-2C LUCKY-LIGHT-LL-484PGC1C-G5-2C Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Pure Green LED Technical Data Sheet
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Bluish Green LED Technical Data Sheet
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K Datasheet
256Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484BGC1C-G3-1B LUCKY-LIGHT-LL-484BGC1C-G3-1B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Bluish Green LED Technical Data Sheet
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K Datasheet
227Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WM1F-W5-1J LUCKY-LIGHT-LL-484WM1F-W5-1J Datasheet
226Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Bluish Green LED Technical Data Sheet
LL-484WC1F-W2-3K LUCKY-LIGHT-LL-484WC1F-W2-3K Datasheet
226Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484BC1C-B4-1G LUCKY-LIGHT-LL-484BC1C-B4-1G Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
LL-484BC1C-B4-2G LUCKY-LIGHT-LL-484BC1C-B4-2G Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com