Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0805FK-07L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RL0805FK-07L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0805FK-07L Datasheet(HTML) 3 Page - YAGEO Corporation

  RL0805FK-07L Datasheet HTML 1Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 2Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 3Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 4Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 5Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 6Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 7Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 8Page - YAGEO Corporation RL0805FK-07L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
3
9
SERIES
RL
0402 to 2512
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
ORDERING EXAMPLE
The ordering code of a RL0603 chip
resistor, value 0.56 X with ±1%
tolerance, supplied in tape of 5,000
units per reel is: 235051212567L or
RL0603FR-070R56L.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or specific
symbol can be printed
12NC CODE
2350 / 2390 / 2322 XXX XXXXX L
(1)
(2)
(3)
(4)
EMBOSSED (2)
TAPE ON REEL
PAPER/PE (2)
TAPE ON REEL (units)
SIZE TYPE
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
4,000
5,000
10,000
0402 LRC31
2350
±5% 0.05 to 1 Ω
-
-
513 20xxx
LRC32
2350
±1% 0.05 to 1 Ω
-
-
513 22xxx
0603 LRC21
2350
±5% 0.01 to 1 Ω
-
512 10xxx
-
LRC22
2350
±1% 0.01 to 1 Ω
-
512 12xxx
-
0805 LRC11
2350
±5% 0.01 to 1 Ω
-
511 10xxx
-
LRC12
2350
±1% 0.01 to 1 Ω
-
511 12xxx
-
1206 LRC01
2350
±5% 0.01 to 1 Ω
-
510 10xxx
-
LRC02
2350
±1% 0.01 to 1 Ω
-
510 12xxx
-
1210 LPRC101 2390
±5% 0.01 to 0.0976 Ω -
735 90xxx
-
LPRC101 2390
±5% 0.1 to 1 Ω
-
735 60xxx
-
LPRC102 2390
±1% 0.01 to 1 Ω
-
735 3xxxx
-
1218 LPRC201 2322
±5% 0.01 to 1 Ω
735 64xxx
-
-
LPRC201 2322
±1% 0.01 to 1 Ω
735 7xxxx
-
-
2010 LPRC111 2322
±5% 0.01 to 0.0976 Ω 760 90xxx
-
-
LPRC111 2322
±5% 0.1 to 1 Ω
760 60xxx
-
-
LPRC111 2322
±1% 0.01 to 0.0976 Ω 761 90xxx
-
-
LPRC111 2322
±1% 0.1 to 1 Ω
761 6xxxx
-
-
2512 LPRC221 2322
±5% 0.01 to 0.0976 Ω 762 90xxx
-
-
LPRC221 2322
±5% 0.1 to 1 Ω
762 60xxx
-
-
LPRC221 2322
±1% 0.01 to 0.0976 Ω 763 90xxx
-
-
LPRC221 2322
±1% 0.1 to 1 Ω
763 6xxxx
-
-
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 kX
2
10 to 97.6 kX
3
100 to 976 kX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 kX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with
2350/2390/2322.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and packaging.
(In 12NC code, only 07'' tape reel code is supplied. Supply of 10''/13'' tape
reel is requested in Global part number ordering code.)
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of “Last digit
of 12NC”.
(4) Letter L is system default code for order only (Note).
Letter H is Halogen / Lead free (special code on request).


Similar Part No. - RL0805FK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0805FK-070R105L YAGEO-RL0805FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FK-070R12L YAGEO-RL0805FK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FK-070R1L YAGEO-RL0805FK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FK-07100RL YAGEO-RL0805FK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FK-0710RL YAGEO-RL0805FK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0805FK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com