Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4957-T1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4957-T1
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4957-T1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4957-T1 Datasheet HTML 1Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 2Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 3Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 4Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 5Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 6Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 7Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 8Page - Renesas Technology Corp 2SC4957-T1 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PU10520EJ01V0DS
3
2SC4957
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
200
100
0
50
100
150
180 mW
Free Air
0.1
0.5
0.2
0.3
0.4
0.5
12
5
10
20
f = 1 MHZ
50
40
30
20
10
0
0.5
1.0
VCE = 3 V
60
01
500 A
400 A
300 A
200 A
IB = 100 A
50
40
30
20
10
23456
µ
µ
µ
µ
µ
0.1
200
100
0
0.2
0.5
1
2
5
10
20
50 100
VCE = 3 V
VCE = 5 V
14
0.5
12
10
8
6
4
2
12
5
10
20
50
VCE = 1 V
f = 2 GHZ
VCE = 3 V
VCE = 5 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - 2SC4957-T1

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4957-T1 NEC-2SC4957-T1 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
California Eastern Labs
2SC4957-T1 CEL-2SC4957-T1 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results

Similar Description - 2SC4957-T1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
   NPN SILICON EPITAXIAL RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357_15 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com