Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDH8321C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDH8321C
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDH8321C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDH8321C Datasheet HTML 1Page - Fairchild Semiconductor NDH8321C Datasheet HTML 2Page - Fairchild Semiconductor NDH8321C Datasheet HTML 3Page - Fairchild Semiconductor NDH8321C Datasheet HTML 4Page - Fairchild Semiconductor NDH8321C Datasheet HTML 5Page - Fairchild Semiconductor NDH8321C Datasheet HTML 6Page - Fairchild Semiconductor NDH8321C Datasheet HTML 7Page - Fairchild Semiconductor NDH8321C Datasheet HTML 8Page - Fairchild Semiconductor NDH8321C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NDH8321C Rev.C1
Typical Electrical Characteristics: N-Channel
Figure 1. N-Channel On-Region Characteristics.
Figure 2. N-Channel On-Resistance Variation
with Gate Voltage and
Drain Current.
Figure 3. N-Channel On-Resistance Variation
with Temperature.
Figure 4. N-Channel On-Resistance Variation with Drain
Current and Temperature.
Figure 5. N-Channel Transfer
Characteristics.
Figure 6. N-Channel Gate Threshold Variation
with Temperature.
0
0 .5
1
1 .5
2
2 .5
3
0
4
8
12
16
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1 .5
2 .0
2.7
2 .5
3 .0
V
= 4.5V
GS
0
4
8
12
16
20
0 .8
1
1 .2
1 .4
1 .6
1 .8
2
I
, DRAIN CURRENT (A)
V
= 2 .0V
GS
D
4 .5
3 .5
2 .5
3.0
2.7
4 .0
-50
-25
0
25
50
75
100
125
150
0 .6
0 .8
1
1 .2
1 .4
1 .6
1 .8
T , JUNCTION TEM PERATURE (°C)
J
V
= 4.5V
GS
I
= 3.8A
D
0
4
8
12
16
20
0
0 .5
1
1 .5
2
I
, DRAIN CURRENT (A)
V
= 4.5 V
GS
T = 125°C
J
25°C
-55° C
D
0
0 .5
1
1 .5
2
2 .5
0
3
6
9
12
15
V
, GATE TO SOU RCE VOLTAGE (V)
25° C
125° C
V
= 5V
DS
GS
T = -55°C
J
-50
-25
0
25
50
75
100
125
150
0 .5
0 .6
0 .7
0 .8
0 .9
1
1 .1
1 .2
1 .3
T , JUNCTION TEM PERATURE (°C)
J
I
= 250µA
D
V
= V
GS
DS


Similar Part No. - NDH8321C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH832P FAIRCHILD-NDH832P Datasheet
82Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - NDH8321C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
FDS8928A FAIRCHILD-FDS8928A Datasheet
285Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com