Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30GT60BR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT30GT60BR
Description  The Thunderbolt IGBT is a new generation of high voltage power IGBTs.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GT60BR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT30GT60BR_08 Datasheet HTML 1Page - Advanced Power Technology APT30GT60BR_08 Datasheet HTML 2Page - Advanced Power Technology APT30GT60BR_08 Datasheet HTML 3Page - Advanced Power Technology APT30GT60BR_08 Datasheet HTML 4Page - Advanced Power Technology APT30GT60BR_08 Datasheet HTML 5Page - Advanced Power Technology APT30GT60BR_08 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT30GT60BR(G)
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 10Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE9,Turn-OnDelayTimevsCollectorCurrent
FIGURE10,Turn-OffDelayTimevsCollectorCurrent
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE11,CurrentRiseTimevsCollectorCurrent
FIGURE12,CurrentFallTimevsCollectorCurrent
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE13,Turn-OnEnergyLossvsCollectorCurrent
FIGURE14,TurnOffEnergyLossvsCollectorCurrent
R
G, GATE RESISTANCE (OHMS)
T
J,JUNCTIONTEMPERATURE(°C)
FIGURE15,SwitchingEnergyLossesvs.GateResistance
FIGURE16,SwitchingEnergyLossesvsJunctionTemperature
R
G = 10Ω, L = 100
µ
H, V
CE = 400V
V
CE = 400V
T
J = 25°C, or 125°C
R
G = 10Ω
L = 100µH
16
14
12
10
8
6
4
2
0
60
50
40
30
20
10
0
3000
2500
2000
1500
1000
500
0
4500
4000
3500
3000
1500
1000
500
0
300
250
200
150
100
50
0
160
140
120
100
80
60
40
20
0
2000
1500
1000
500
0
3000
2500
2000
1500
1000
500
0
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
V
CE = 400V
V
GE = +15V
R
G = 10Ω
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 10Ω, L = 100
µ
H, V
CE = 400V
V
CE = 400V
V
GE = +15V
R
G = 10Ω
T
J = 125°C
T
J = 25°C
V
CE = 400V
V
GE = +15V
R
G = 10Ω
T
J = 125°C
T
J = 25°C
E
on2,60A
E
off,60A
V
CE = 400V
V
GE = +15V
T
J = 125°C
E
on2,30A
E
off,30A
E
on2,15A
E
off,15A
E
on2,60A
E
off,60A
E
on2,30A
E
off,30A
E
on2,15A
E
off,15A


Similar Part No. - APT30GT60BR_08

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GT60BRD ADPOW-APT30GT60BRD Datasheet
68Kb / 5P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
logo
Microsemi Corporation
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
APT30GT60BRDLG MICROSEMI-APT30GT60BRDLG Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2G ADPOW-APT30GT60BRDQ2G Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results

Similar Description - APT30GT60BR_08

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GT60CR ADPOW-APT30GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT12GT60BR ADPOW-APT12GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs
APT60GT60JRD ADPOW-APT60GT60JRD Datasheet
75Kb / 5P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60KR ADPOW-APT30GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60KR ADPOW-APT15GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com