Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8772 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8772
Description  Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8772 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8772 Datasheet HTML 4Page - ON Semiconductor NCV8772 Datasheet HTML 5Page - ON Semiconductor NCV8772 Datasheet HTML 6Page - ON Semiconductor NCV8772 Datasheet HTML 7Page - ON Semiconductor NCV8772 Datasheet HTML 8Page - ON Semiconductor NCV8772 Datasheet HTML 9Page - ON Semiconductor NCV8772 Datasheet HTML 10Page - ON Semiconductor NCV8772 Datasheet HTML 11Page - ON Semiconductor NCV8772 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCV8772
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 13. Output Current Limit vs. Input
Voltage (5 V Option)
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
40
Vin, INPUT VOLTAGE (V)
TJ = 25°C
ISC @ Vout = 0 V
ILIM @ Vout = 4.8 V
Figure 14. Output Current Limit vs. Input
Voltage (3.3 V Option)
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
40
Vin, INPUT VOLTAGE (V)
TJ = 25°C
ISC @ Vout = 0 V
ILIM @ Vout = 3.17 V
Figure 15. Output Current Limit vs. Temperature
(5 V Option)
400
450
500
550
600
650
700
750
800
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
ISC @ Vout = 0 V
ILIM @ Vout = 4.8 V
Figure 16. Output Current Limit vs. Temperature
(3.3 V Option)
400
500
600
700
800
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
ISC @ Vout = 0 V
ILIM @ Vout = 3.17 V
Figure 17. Cout ESR Stability Region vs. Output
Current
0.01
0.1
1
10
100
0
50
100
150
200
250
300
350
Iout, OUTPUT CURRENT (mA)
STABLE REGION
Vin = 13.2 V
TJ = −40°C to 150°C
Cout = 1 mF − 100 mF
450
550
650
750


Similar Part No. - NCV8772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D5S50R4G ONSEMI-NCV87721D5S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D7S ONSEMI-NCV87721D7S Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87722D5S33R4G ONSEMI-NCV87722D5S33R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
More results

Similar Description - NCV8772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com