Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3222IA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3222IA
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3222IA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3222IA Datasheet HTML 3Page - Intersil Corporation ICL3222IA Datasheet HTML 4Page - Intersil Corporation ICL3222IA Datasheet HTML 5Page - Intersil Corporation ICL3222IA Datasheet HTML 6Page - Intersil Corporation ICL3222IA Datasheet HTML 7Page - Intersil Corporation ICL3222IA Datasheet HTML 8Page - Intersil Corporation ICL3222IA Datasheet HTML 9Page - Intersil Corporation ICL3222IA Datasheet HTML 10Page - Intersil Corporation ICL3222IA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN4805.21
March 1, 2006
ICL3241
ICL3243
Typical Operating Circuits (Continued)
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
1
2
R1OUT
R1IN
4
5k
R2OUT
R2IN
5
18
5k
R3OUT
R3IN
6
17
5k
R4OUT
R4IN
7
16
5k
R5OUT
R5IN
R5
8
15
5k
19
R2OUTB
C1
C2
+ C3
C4
EN
SHDN
23
GND
22
+3.3V
+
0.1
µF
20
25
VCC
R1OUTB
21
R1
R2
R3
R4
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
1
2
R1OUT
R1IN
4
5k
R2OUT
R2IN
5
18
5k
R3OUT
R3IN
6
17
5k
R4OUT
R4IN
7
16
5k
R5OUT
R5IN
R5
8
15
5k
19
R2OUTB
C1
C2
+ C3
C4
FORCEON
FORCEOFF
23
GND
22
+3.3V
+
0.1
µF
20
25
VCC
R1
R2
R3
R4
21
INVALID
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3222IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3222IA INTERSIL-ICL3222IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222IA INTERSIL-ICL3222IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222IA INTERSIL-ICL3222IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222IA INTERSIL-ICL3222IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222IA INTERSIL-ICL3222IA Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3222IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com