Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32495E Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL32495E
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495E Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL32495E Datasheet HTML 5Page - Intersil Corporation ISL32495E Datasheet HTML 6Page - Intersil Corporation ISL32495E Datasheet HTML 7Page - Intersil Corporation ISL32495E Datasheet HTML 8Page - Intersil Corporation ISL32495E Datasheet HTML 9Page - Intersil Corporation ISL32495E Datasheet HTML 10Page - Intersil Corporation ISL32495E Datasheet HTML 11Page - Intersil Corporation ISL32495E Datasheet HTML 12Page - Intersil Corporation ISL32495E Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
9
FN7786.2
March 16, 2012
tZL(SHDN)
Receiver Enable from
Shutdown to Output Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (15Mbps Versions; ISL32496E, ISL32498E)
fMAX
Maximum Data Rate
-25V ≤ VCM ≤ 25V (Figure 7)
Full
15
25
-
Mbps
tPLH, tPHL Receiver Input to Output Delay -25V ≤ VCM ≤ 25V (Figure 7)
Full
-
35
70
ns
tSKD
Receiver Skew |tPLH -tPHL|(Figure 7)
Full
-
4
10
ns
tZL
Receiver Enable to Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 10)
Full
-
-
50
ns
tZH
Receiver Enable to Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 10)
Full
-
-
50
ns
tLZ
Receiver Disable from Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
Full
-
-
50
ns
tHZ
Receiver Disable from Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
Full
-
-
50
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Receiver Enable from
Shutdown to Output High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
tZL(SHDN)
Receiver Enable from
Shutdown to Output Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
7. Supply current specification is valid for loaded drivers when DE = 0V.
8. Applies to peak current. See “Typical Performance Curves” beginning on page 14 for more information.
9. Keep RE = 0 to prevent the device from entering SHDN.
10. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
11. Transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed not to
enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low Power Shutdown
Mode” on page 13.
12. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
13. Set the RE signal high time >600ns to ensure that the device enters SHDN.
14. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
15. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15µs at a 1% duty cycle).
16. See “Caution” statement below the “Latch-up (Tested per JESD78, Level 2, Class A) +125°C” section on page 5.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Similar Part No. - ISL32495E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32495E INTERSIL-ISL32495E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32495E INTERSIL-ISL32495E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32495E RENESAS-ISL32495E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32495EIBZ INTERSIL-ISL32495EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32495EIBZ RENESAS-ISL32495EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Similar Description - ISL32495E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com