Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C33L19 Datasheet(PDF) 1 Page - Epson Company

Part # S1C33L19
Description  CMOS 32-bit application Specific Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C33L19 Datasheet(HTML) 1 Page - Epson Company

  S1C33L19 Datasheet HTML 1Page - Epson Company S1C33L19 Datasheet HTML 2Page - Epson Company S1C33L19 Datasheet HTML 3Page - Epson Company S1C33L19 Datasheet HTML 4Page - Epson Company S1C33L19 Datasheet HTML 5Page - Epson Company S1C33L19 Datasheet HTML 6Page - Epson Company S1C33L19 Datasheet HTML 7Page - Epson Company S1C33L19 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S1C33L19
CMOS 32-bit Application Specific Controller
32-bit RISC CPU-Core Optimized for SoC (EPSON S1C33 PE)
Dual AMBA Bus System for CPU and LCDC
Built-in PLL (Multiplication rate: ×1 to ×16)
Advanced CPU Instruction Queue Buffer
Built-in 8KB RAM + Built-in VRAM/RAM (12KB)
SDRAM Controller with Burst Control
Generic DMA Controller (HSDMA/IDMA)
4-ch. PWM Control Timer/Counter
Supports Several Interfaces
SIO with FIFO (IrDA1.0, ISO7816-3), SPI, I2S and USB
5-ch. ADC for Analog Input
Built-in LCD Controller with 12KB IVRAM
Supports Up to QVGA (320 × 240) Display in 1 bpp Mode
(black and white) by Single Chip
Supports VGA (640 × 480) and 64K Color
Built-in JPEG decoder/encoder
Built-in USB controller (Device) Full speed (12Mbps)
Supports I
2S interface (In/Out)
NAND Flash Interface
DESCRIPTIONS
The S1C33L19 is a cost-effective, high-performance 32-bit RISC controller designed specifically for graphic
display applications. It incorporates LCD display functions and JPEG image processing for electronic
devices requiring LCD display of images, such as photo viewers and other compact image display units,
home intercoms and other home electronic devices, as well as operating panels incorporated into various
office equipment.
The JPEG image processing function uses an internal hardware accelerator for high-load JPEG processing
to achieve faster processing than software processing alone. It is provided as an easy-to-use JPEG
decoder/encoder API with complex controls handled internally, allowing easy interfacing with applications for
easy, high-speed enlargement and compression of JPEG image data, including photographs, improved
application display capabilities, and smaller data sizes.
Peripheral circuits and pin layout are completely forward-compatible with the S1C33L17, enabling use with
applications that rely on ADC functions and a wide range of serial interfaces, including numerous
general-purpose input/output ports, powerful PWM timer/counter, and USB-FS device controller.
The S1C33L19 consists of a 32-bit RISC CPU core, JPEG decoder/encoder, general-purpose DMA
controller, USB-FS device controller, PWM control timer/counter, several interfaces (IrDA1.0, SIO including
ISO7816-3 protocol, SPI and I2S), ADC, RAM, general-purpose RAM shared IVRAM, RTC, and NAND
Flash interface implemented by EPSON SoC design technology using a 0.18 μm fine-pattern CMOS
process.
FEATURES
Technology
0.18 μm AL-4-Layers mixed analog low power CMOS process technology
CPU
EPSON original C33 PE 32-bit RISC CPU-Core with AMBA bus optimized for SoC
Max. 66 MHz operation
Internal 2-stage pipeline and 4 instruction queues
Instruction set: 128 instructions (16-bit fixed length)
Basic instructions are compatible with the S1C33 32-bit RISC Cores.
Dual AMBA bus system for CPU and LCDC


Similar Part No. - S1C33L19

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33L11 EPSON-S1C33L11 Datasheet
66Kb / 4P
   32-bit Single Chip Microcomputer
S1C33L15 EPSON-S1C33L15 Datasheet
178Kb / 6P
   CMOS 32-bit Application Specific Controller
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results

Similar Description - S1C33L19

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33L26 EPSON-S1C33L26 Datasheet
190Kb / 7P
   CMOS 32-bit Application Specific Controller
S1C33L15 EPSON-S1C33L15 Datasheet
178Kb / 6P
   CMOS 32-bit Application Specific Controller
S1C33L27 EPSON-S1C33L27 Datasheet
164Kb / 7P
   CMOS 32-bit Application Specific Controller
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
S1C33A01 EPSON-S1C33A01 Datasheet
148Kb / 5P
   CMOS 32-bit Application Specific Controller
S1C33E07 EPSON-S1C33E07 Datasheet
344Kb / 6P
   CMOS 32-bit Application Specific Controller
S1C17501 EPSON-S1C17501 Datasheet
110Kb / 8P
   CMOS 16-bit Application specific Controller
S1C17801 EPSON-S1C17801 Datasheet
112Kb / 8P
   CMOS 16-bit Application Specific Controller
S1C17803 EPSON-S1C17803 Datasheet
171Kb / 8P
   CMOS 16-bit Application Specific Controller
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com