Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7660ACPA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7660ACPA
Description  Guaranteed Lower Max Supply Current for All Temperature Ranges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660ACPA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7660ACPA Datasheet HTML 5Page - Intersil Corporation ICL7660ACPA Datasheet HTML 6Page - Intersil Corporation ICL7660ACPA Datasheet HTML 7Page - Intersil Corporation ICL7660ACPA Datasheet HTML 8Page - Intersil Corporation ICL7660ACPA Datasheet HTML 9Page - Intersil Corporation ICL7660ACPA Datasheet HTML 10Page - Intersil Corporation ICL7660ACPA Datasheet HTML 11Page - Intersil Corporation ICL7660ACPA Datasheet HTML 12Page - Intersil Corporation ICL7660ACPA Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN3179.7
January 23, 2013
Voltage Splitting
The bidirectional characteristics can also be used to split a
high supply in half, as shown in Figure 20. The combined
load will be evenly shared between the two sides, and a high
value resistor to the LV pin ensures start-up. Because the
switches share the load in parallel, the output impedance is
much lower than in the standard circuits, and higher currents
can be drawn from the device. By using this circuit, and then
the circuit of Figure 15, +15V can be converted, via +7.5 and
-7.5, to a nominal -15V, although with rather high series
output resistance (
250Ω).
Regulated Negative Voltage Supply
In some cases, the output impedance of the ICL7660S and
ICL7660A can be a problem, particularly if the load current
varies substantially. The circuit of Figure 21 can be used to
overcome this by controlling the input voltage, via an
ICL7611 low-power CMOS op amp, in such a way as to
maintain a nearly constant output voltage. Direct feedback is
inadvisable, since the ICL7660S’s and ICL7660A’s output
does not respond instantaneously to change in input, but
only after the switching delay. The circuit shown supplies
enough delay to accommodate the ICL7660S and
ICL7660A, while maintaining adequate feedback. An
increase in pump and storage capacitors is desirable, and
the values shown provide an output impedance of less than
5
Ω to a load of 10mA.
Other Applications
Further information on the operation and use of the
ICL7660S and ICL7660A may be found in application note
AN051, “Principles and Applications of the ICL7660 CMOS
Voltage Converter”.
1
2
3
4
8
7
6
5
ICL7660S
V+
D1
D2
C4
VOUT = (2V+) -
(VFD1) - (VFD2)
+
-
C2
+
-
C3
+
-
VOUT = -VIN
C1
+
-
FIGURE 19. COMBINED NEGATIVE VOLTAGE CONVERTER
AND POSITIVE DOUBLER
D3
ICL7660A
1
2
3
4
8
7
6
5
+
-
+
-
50µF
50µF
+
-
50µF
RL1
VOUT = V+ - V-
2
ICL7660S
V+
V-
RL2
FIGURE 20. SPLITTING A SUPPLY IN HALF
ICL7660A
1
2
3
4
8
7
6
5
+
-
100µF
ICL7660S
100µF
VOUT
+
-
10µF
ICL7611
+
-
100
Ω
50k
+8V
100k
50k
ICL8069
56k
+8V
800k
250k
VOLTAGE
ADJUST
+
-
FIGURE 21. REGULATING THE OUTPUT VOLTAGE
ICL7660A
ICL7660S, ICL7660A


Similar Part No. - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
More results

Similar Description - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
   Lower ranges available - contact factory
logo
TDK Electronics
CGA6P3X7R1H475K250AB TDK-CGA6P3X7R1H475K250AB Datasheet
60Kb / 5P
   Multilayer Ceramic Chip Capacitors For automobile(Guaranteed at high temperature[150째C max.])
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
   Guaranteed Zero Reading for 0V Input on All Scales
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
   For surface mounted applications High temperature soldering guaranteed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com