Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZU04L6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WZU04L6X
Description  TinyLogic UHS Dual Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZU04L6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WZU04L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZU04L6X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7WZU04L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZU04L6X FAIRCHILD-NC7WZU04L6X Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
logo
ON Semiconductor
NC7WZU04L6X ONSEMI-NC7WZU04L6X Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
NC7WZU04L6X ONSEMI-NC7WZU04L6X Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
More results

Similar Description - NC7WZU04L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZU04 ONSEMI-NC7WZU04_V01 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com