Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTF25102F15 Datasheet(PDF) 2 Page - Dubilier

Part # RTF25102F15
Description  SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RTF25102F15 Datasheet(HTML) 2 Page - Dubilier

  RTF25102F15 Datasheet HTML 1Page - Dubilier RTF25102F15 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
141
SURFACE MOUNT
SURFACE MOUNT THIN FILM CHIP RESISTOR RTF
PACKAGING DIMENSIONS FOR BOTH RTF & RPC RANGE
MARKING EXPLANATION
B
4.0 ± 0.1
1.5 + 0.1
-0
8.0 ± 0.2
3.5
±
0.05
1.75 ± 0.1
2.0 ± 0.05
4.0 ± 0.1
A
TAPE DIMENSIONS (mm)
13 ± 0.5
2.0 ± 0.5
20.5 ± 0.5
REEL DIMENSION (mm)
60 ± 1.0 178 ± 2.0
Dims.
0402
0603
0805
1206
1210
2010
2512
A
0.65±0.1
1.1±0.1
1.65±0.1
1.9±0.1
2.8±0.1
2.8±0.2
3.6±0.2
B
1.15±0.1
1.9±0.1
2.4±0.1
3.5±0.1
3.5±0.1
5.6±0.2
6.7±0.2
Reel Size(max)
0402
0603
0805
1206
1210
2010
2512
7” (178mm)
10000
5000
5000
5000
5000
4000
2000
13” (330mm)
40000 20000 20000 20000 20000
-
-
Tape packaging:
8mm width paper taping based on EIAJ RC-1009B, 5000pcs per reel.
5%, 3 digits, 1st two digits are significant figures,
3rd digit is number of zeros.
R =decimal point
1%, 4 digits, 1st three digits are significant figures,
4th digit is number of zeros.
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
462
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787
04
107
16
143
28
191
40
255
52
340
64
453
76
604
88
806
05
110
17
147
29
196
41
261
53
348
65
464
77
619
89
825
06
113
18
150
30
200
42
267
54
357
66
475
78
634
90
845
07
155
19
154
31
205
43
274
55
365
67
487
79
649
91
866
08
118
20
158
32
210
44
280
56
374
68
499
80
665
92
887
09
121
21
162
33
215
45
287
57
383
69
511
81
681
93
909
10
124
22
165
34
221
46
294
58
392
70
523
82
698
94
931
11
127
23
169
35
226
47
301
59
402
71
536
83
715
95
953
12
130
24
174
36
232
48
309
60
412
72
549
84
732
96
976
This table shows the first two digits for the three-digit EIA-96 part marking scheme.
The third character is a letter multiplier:
Y=10-2
X=10-1
A=100
B=101
C=102
D=103
E=104
F=105
Chip Resistors
Marking Explanation
5% tolerance :3 digits, First two digits are significant figures,
third digit is number of zeros.
1% tolerance :4 digits, first three digits are significant figures,
fourth digit is number of zeros. Letter R is decimal point.
Letter “0” is 0
3
0
6
0.
m
h
o
1% :EIA-96 marking. (as the below list).
0402 no marking.
Standard MIL resistance marking.
“R” signifies Decimal place.
R020
1002
103
10C
5% marking
1% marking
Value=10KΩ
Value=10KΩ
0603,0805,1206,
0805,1206,1210
1210,2010,2512
2010,2512
1% marking
no marking
Value=12.4KΩ
0402
0603
Value=20mΩ
www.dubilier.co.uk


Similar Part No. - RTF25102F15

ManufacturerPart #DatasheetDescription
logo
Dubilier
RTF25102F15 DUBILIER-RTF25102F15 Datasheet
182Kb / 2P
   SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
More results

Similar Description - RTF25102F15

ManufacturerPart #DatasheetDescription
logo
Dubilier
RTF12102A DUBILIER-RTF12102A Datasheet
182Kb / 2P
   SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
RTF DUBILIER-RTF Datasheet
302Kb / 2P
   SURFACE MOUNT THIN FILM CHIP RESISTORS
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
   SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
   Thin-Film Surface Mount
logo
Littelfuse
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com