Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ86 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ86
Description  TinyLogic UHS Dual 2-Input Exclusive-OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ86 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ86 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500272
www.fairchildsemi.com
April 2000
Revised January 2005
NC7WZ86
TinyLogic
 UHS Dual 2-Input Exclusive-OR Gate
General Description
The NC7WZ86 is a dual 2-Input Exclusive-OR Gate from
Fairchild’s Ultra High Speed Series of TinyLogic
. The
device is fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive while main-
taining low static power dissipation over a very broad VCC
operating range. The device is specified to operate over
the 1.65V to 5.5V VCC range. The inputs and output are
high impedance when VCC is 0V. Inputs tolerate voltages
up to 7V independent of VCC operating voltage.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s Ultra High Speed; tPD 2.9 ns typ into 50 pF at 5V VCC
s High Output Drive;
± 24 mA at 3V V
CC
s Broad VCC Operating Range; 1.65V to 5.5V
s Matches the performance of LCX when operated at 3.3V
s Power down high impedance inputs/output
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagrams
(Top View)
Pin One Orientation Diagram
AAA represents Product Code Top Mark - see ordering code
Note: Orientation of Top Mark determines Pin One location. Read the top
product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WZ86K8X
MAB08A
WZ86
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WZ86L8X
MAC08A
N7
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel
Pin Names
Description
An, Bn
Input
Yn
Output
Y
= A⊕B
Inputs
Output
AB
Y
LLL
LH
H
HL
H
HH
L


Similar Part No. - NC7WZ86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
516Kb / 9P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 2
NC7WZ86K8X ONSEMI-NC7WZ86K8X Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
NC7WZ86K8X ONSEMI-NC7WZ86K8X Datasheet
516Kb / 9P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 2
NC7WZ86L8X ONSEMI-NC7WZ86L8X Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
More results

Similar Description - NC7WZ86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86_V01 Datasheet
516Kb / 9P
   TinyLogic UHS Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
NC7SZ86 FAIRCHILD-NC7SZ86 Datasheet
107Kb / 8P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ32 FAIRCHILD-NC7WZ32 Datasheet
173Kb / 7P
   TinyLogic UHS Dual 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com