Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7WZ86 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NC7WZ86
Description  TinyLogic UHS Dual 2-Input Exclusive-OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ86 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZ86 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ86 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
w = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform; t
r = tf = 1.8 ns;
PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.8
± 0.15
2.0
6.7
12.5
2.0
13.0
ns
tPHL
2.5
± 0.2
1.2
4.1
7.0
1.2
7.5
CL = 15 pF,
Figures
1, 3
3.3
± 0.3
0.8
3.0
4.8
0.8
5.2
RL = 1 MΩ
5.0
± 0.5
0.5
2.2
3.5
0.5
3.8
tPLH,
Propagation Delay
3.3
± 0.3
1.2
3.8
5.4
1.2
5.9
ns
CL = 50 pF,
Figures
1, 3
tPHL
5.0
± 0.5
0.8
2.9
4.2
1.0
4.6
RL = 500Ω
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation Capacitance
3.3
15
pF
(Note 3)
Figure 2
5.0
19


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NC7SZ86 TinyLogic UHS 2-Input Exclusive-OR Gate 1  2  3  4  5  More Fairchild Semiconductor
NC7WZ00 TinyLogic UHS Dual 2-Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
NC7WZ08 TinyLogic UHS Dual 2-Input AND Gate 1  2  3  4  5  More Fairchild Semiconductor
NC7WZ132 TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs 1  2  3  4  5  More Fairchild Semiconductor
NC7WZ38 TinyLogic UHS Dual 2-Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
NC7SV86 TinyLogic ULP-A 2-Input Exclusive-OR Gate 1  2  3  4  5  More Fairchild Semiconductor
NC7SZ386 TinyLogic UHS 3-Input Exclusive-OR Gate 1  2  3  4  5  More Fairchild Semiconductor
74HC2G86 Dual 2-input exclusive-OR gate 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn