Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPC100103J Datasheet(PDF) 1 Page - Dubilier

Part # RPC100103J
Description  SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RPC100103J Datasheet(HTML) 1 Page - Dubilier

  RPC100103J Datasheet HTML 1Page - Dubilier RPC100103J Datasheet HTML 2Page - Dubilier RPC100103J Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
137
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
ORDERING INFORMATION
Small in size and light in weight
Electrical stability and high reliability
Excellent mechanical strength and high frequency
characteristics
Reduction of assembly costs and matching with auto
placement machines
Hybrid thick and thin integrated circuits
Telecommunication equipment
Computers
L
T
T
W
t
t
H
H
Range
Size Code
Length L (mm)
Width W (mm)
Height H (mm)
Terminal T (mm)
Terminal t (mm)
RPC04
0402
1.00 ± 0.10
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.25 ± 0.10
RPC16
0603
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.1
0.30 ± 0.20
0.30 ± 0.20
RPC12
0805
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.1
0.40 ± 0.20
0.40 ± 0.20
RPC25
1206
3.10 ± 0.10
1.60 ± 0.10
0.55 ± 0.1
0.50 ± 0.25
0.50 ± 0.25
RPC33
1210
3.10 ± 0.10
2.60 ± 0.15
0.55 ± 0.1
0.50 ± 0.25
0.5 ± 0.20
RPC50
2010
5.00 ± 0.10
2.50 ± 0.15
0.55 ± 0.1
0.60 ± 0.25
0.5 ± 0.20
RPC100
2512
6.35 ± 0.10
3.20 ± 0.15
0.55 ± 0.1
0.60 ± 0.25
0.5 ± 0.20
RPC
25
103
J
Range
Size
04=0402
16 = 0603
12 = 0805
25 = 1206
33 = 1210
50 = 2010
100 = 2512
Value
Tolerance
F = ± 1%
J = ± 5%
Remark: E96 is only available for 1%
OUTLINE DRAWING
CONSTRUCTION
Protective Coating
High Purity
Alumina Substrate
Resistive Element (Ru0
2)
Inner Termination
Layer: Sn
Middle Termination
Layer: Sn
Output Termination
Layer: Solder
www.dubilier.co.uk


Similar Part No. - RPC100103J

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC100103J DUBILIER-RPC100103J Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results

Similar Description - RPC100103J

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC25103J DUBILIER-RPC25103J Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
   Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
CRM2512-FT BOURNS-CRM2512-FT Datasheet
38Kb / 2P
   Surface Mount Chip Resistor
logo
YAGEO Corporation
RC0402FR-070RL YAGEO-RC0402FR-070RL Datasheet
309Kb / 9P
   Chip Resistor Surface Mount
logo
List of Unclassifed Man...
YC124-JR-07100RL ETC1-YC124-JR-07100RL Datasheet
343Kb / 9P
   Chip Resistor Surface Mount
logo
YAGEO Corporation
RC_P YAGEO-RC_P Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
   Surface Mount Resistor
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com