Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ241 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WZ241
Description  TinyLogic UHS Dual Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ241 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZ241 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ241 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: The input and output negative voltage ratings may be exceeded is
the input and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to +7.0V
DC Input Diode Current (IIK)
@VIN < 0V
−50 mA
DC Output Diode Current (IOK)
@VOUT < 0V
−50 mA
DC Output Source/Sink Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
+150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
+260°C
Power Dissipation (PD) @+85°C
250 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
Active State
0V to VCC
3-State
0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 1.8V, 0.15V, 2.5V ± 0.2V
0 ns/V to 20 ns/V
VCC = 3.8V ± 0.3V
0 ns/V to 10 ns/V
VCC = 5.0V ± 0.5V
0 ns/V to 5 ns/V
Thermal Resistance (
θ
JA)250°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Unit
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
1.65 to 1.95 0.75 VCC
0.75 VCC
V
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input Voltage
1.65 to 1.95
0.25 VCC
0.25 VCC
V
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output Voltage
1.65
1.55
1.65
1.55
V
2.3
2.2
2.3
2.2
VIN = VIH IOH = −100 µA
3.0
2.9
3.0
2.9
or VIL
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
V
IOH = −4 mA
2.3
1.9
2.15
1.9
VIN = VIH IOH = −8 mA
3.0
2.4
2.80
2.4
or VIL
IOH = −16 mA
3.0
2.3
2.68
2.3
IOH = −24 mA
4.5
3.8
4.20
3.8
IOH = −32 mA
VOL
LOW Level Output Voltage
1.65
0.0
0.10
0.10
V
2.3
0.0
0.10
0.10
VIN = VIH IOL = 100 µA
3.0
0.0
0.10
0.10
or VIL
4.5
0.0
0.10
0.10
1.65
0.08
0.24
0.24
V
IOL = 4 mA
2.3
0.10
0.3
0.3
VIN = VIH IOL = 8 mA
3.0
0.15
0.4
0.4
or VIL
IOL = 16 mA
3.0
0.22
0.55
0.55
IOL = 24 mA
4.5
0.22
0.55
0.55
IOL = 32 mA
IIN
Input Leakage Current
0 to 5.5
±0.1
±1
µAV
IN = 5.5V, GND
IOZ
3-STATE Output Leakage
1.65 to 5.5
±0.5
±5
µAV
IN = VIH or VIL
0
≤ V
OUT ≤ 5.5V
IOFF
Power Off Leakage Current
0.0
1
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
1.65 to 5.5
1
10
µAV
IN = 5.5V, GND


Similar Part No. - NC7WZ241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
NC7WZ241K8X ONSEMI-NC7WZ241K8X Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
NC7WZ241L8X ONSEMI-NC7WZ241L8X Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
More results

Similar Description - NC7WZ241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ126 FAIRCHILD-NC7WZ126 Datasheet
172Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ125 FAIRCHILD-NC7WZ125 Datasheet
178Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ126 ONSEMI-NC7WZ126 Datasheet
275Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
NC7WZ125 ONSEMI-NC7WZ125 Datasheet
631Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ240 FAIRCHILD-NC7WZ240 Datasheet
182Kb / 9P
   TinyLogic. UHS Dual Inverting Buffer with 3-STATE Outputs
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com