Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVJRHV47200LF Datasheet(PDF) 1 Page - Dubilier

Part # DVJRHV47200LF
Description  SURFACE MOUNT HIGH VOLTAGE SMD ELECTROLYTIC - 105C DVJRHV
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVJRHV47200LF Datasheet(HTML) 1 Page - Dubilier

  DVJRHV47200LF Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
ORDERING INFORMATION
SURFACE MOUNT
HIGH VOLTAGE SMD ELECTROLYTIC - 105˚C DVJRHV
SPECIFICATION
RANGE
OUTLINE DRAWING
Cylindrical leadless type for surface mount
Long life (2000 hours at +105˚C
High voltage (200 and 400Vdc)
Compatible with reflow soldering
DVJRHV
Range
4.7
Capacitance
µF
200
Voltage
Rated Voltage Range:
200Vdc
400Vdc
Rated Capacitance Range:
4.7 ~ 33µF
3.3 ~ 10µF
Operating Temperature Range:
-40˚C ~ +105˚C
Capacitance Tolerance:
±20%
Max. Leakage Current after 2 minutes:
0.03CV + 15µF
Max. Tan∂:
0.20
0.25
Low temperature Stability (Impedance Ratio @ 120Hz):
Z-25˚C/+20˚C
3
6
High Temperature Load Life 2000 hours
Capacitance Change
Within ±25% of initial value
at +105˚C Rated WVDC:
Tan ∂
Less than 200% of specified value
Leakage Current
Less than the specified value
Order Code
Cap µF
Case Size
WV (Vdc)
Max
LC Max
ESR Max
Max Ripple Current
Tan∂
µF
@+20˚C & 120Hz(mA)
@+105˚C & 120Hz (mA)
DVRHV4.7200
4.7
10x10.5
200
0.20
43
70.5
64
DVRHV10200
10
10x10.5
200
0.20
65
33.1
64
DVRHV22200
22
12.5x14
200
0.20
113
15.1
112
DVRHV33200
33
12.5x14
200
0.20
157
10.0
112
DVRHV3.3400
3.3
10x10.5
400
0.25
51
126.0
36
DVRHV4.7400
4.7
10x10.5
400
0.25
63
88.1
36
DVRHV6.8400
6.8
12.5x14
400
0.25
80
61.0
47
DVRHV10400
10
12.5x14
400
0.25
105
41.5
47
Case Size
D±0.5
L max.
A±0.2
B±0.2
I±0.2
W
P±0.2
Q’ty per reel
10x10.5
10.0
10.5
10.3
10.3
3.2
0.7-1.0
4.6
300pcs
12.5x14
12.5
14.0
12.8
12.8
4.4
0.7-1.0
4.6
200pcs
+
L
A
W
B
I
I
P
Outline
+
L
A
W
B
I
I
P
Outline
Dimensions in mm
LF
Lead Free
www.dubilier.co.uk


Similar Part No. - DVJRHV47200LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
More results

Similar Description - DVJRHV47200LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVJR4735LF DUBILIER-DVJR4735LF Datasheet
130Kb / 2P
   SURFACE MOUNT ELECTROLYTIC 105C REDUCED SIZE DVJR
DVJR4735LF DUBILIER-DVJR4735LF_11 Datasheet
276Kb / 2P
   SURFACE MOUNT ELECTROLYTIC 105C REDUCED SIZE DVJR
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
logo
Dubilier
DVJL476.3LF DUBILIER-DVJL476.3LF Datasheet
104Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
DVJL4763-LF DUBILIER-DVJL4763-LF Datasheet
262Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEJ101M1ETR080100 RFE-VEJ101M1ETR080100 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
VES100M1ETR050053 RFE-VES100M1ETR050053 Datasheet
83Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VES Series: Surface Mount Type,105C
VEL100M1CTR040057 RFE-VEL100M1CTR040057 Datasheet
77Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com