Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR20005BD75R Datasheet(PDF) 2 Page - Dubilier

Part # DMR20005BD75R
Description  RESISTORS PRECISION METAL FILM DMR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DMR20005BD75R Datasheet(HTML) 2 Page - Dubilier

  DMR20005BD75R Datasheet HTML 1Page - Dubilier DMR20005BD75R Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
129
SPECIFICATION
RESISTORS
PRECISION METAL FILM DMR
CURRENT NOISE
POWER DE-RATING
100
80
60
40
20
0
70
155
0
20
40
180
100 120 140
Ambient Temperature /ϒC
1.0
0.3
0.1
0.03
0.01
0.003
10k
100
1k
100k
1M
Nominal Resistance /
1/4W
1/2W
10
*Rated Continuous Working Voltage (RCWV) = √ Power Rating x Resistance Value
PERFORMANCE TEST
TEST METHOD
APPRAISE
Short Time Overload
JIS-C-5202 5.5
2.5 Times RCWV for 5 seconds
± (0.25%+0.05Ω)
Dielectric Withstanding Voltage
JIS-C-5202 5.7
in V- Block for 60 seconds
by Type
Temperature Coefficient of Resistance
JIS-C-5202 5.2
-55˚C to 155˚C
by Type
Insulation Resistance
JIS-C-5202 5.6
in V-Block
>10000MΩ
Solderability
JIS-C-5202 6.5
260˚C for ±5 Seconds
95% Min. Coverage
Resistance to Solvent
JIS-C-5202 6.9
Trichloroethane for 1 Min. with Ultrasonic
No Deterioration of
coatings & markings
Terminal Strength
Direct Load for 10 Sec. in The Direction of Terminal Leads
>2.5kg (24.5N)
Pulse Overload
JIS-C-5202 5.8
4 Times RCWV 10000 Cycles (1 Sec. on, 25 Sec. off)
±(2%+0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40±2˚C, 90~95% RH at RCWV for 1000 hrs.
±(1.5%+0.05Ω)
(1.5 Hrs. on, 0.5 Hrs. off)
Load Life
JIS-C-5202 7.10
70˚C at RCWV for 1000 Hrs. (1.5 Hrs. on, 0.5 Hrs off)
±(1.5%+0.05Ω)
Temperature Cycling
JIS-C-5202 7.4
-55˚C Room Temp. 155˚C Room Temp. for 5 Cycles
±(0.25%+0.05Ω)
Resistance to Soldering Heat
JIS-C-5202 6.4
350˚C ± 10˚C for 3±0.5 seconds
±(0.25%+0.05Ω)
www.dubilier.co.uk


Similar Part No. - DMR20005BD75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR20005BD75R DUBILIER-DMR20005BD75R Datasheet
148Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
More results

Similar Description - DMR20005BD75R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMR251T75R DUBILIER-DMR251T75R Datasheet
148Kb / 2P
   RESISTORS PRECISION METAL FILM DMR
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
   PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com