Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ16L6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZ16L6X
Description  TinyLogic UHS Dual Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ16L6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZ16L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ16L6X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7WZ16L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16L6X ONSEMI-NC7WZ16L6X Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7WZ16L6X ONSEMI-NC7WZ16L6X Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ16L6X FAIRCHILD-NC7WZ16L6X_10 Datasheet
534Kb / 9P
   TinyLogic짰 UHS Dual Buffer
More results

Similar Description - NC7WZ16L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7SZ34 ONSEMI-NC7SZ34 Datasheet
541Kb / 10P
   TinyLogic UHS Buffer
February 2011 Rev. 1.0.1
NC7WZ240 ONSEMI-NC7WZ240 Datasheet
284Kb / 11P
   TinyLogic UHS Dual Inverting Buffer
Revised January 2005
logo
Fairchild Semiconductor
NC7NZ34K8X FAIRCHILD-NC7NZ34K8X Datasheet
205Kb / 7P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34 Datasheet
217Kb / 8P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34_05 Datasheet
208Kb / 7P
   TinyLogic UHS Triple Buffer
logo
ON Semiconductor
NC7NZ34 ONSEMI-NC7NZ34 Datasheet
307Kb / 9P
   TinyLogic UHS Triple Buffer
Revised November 2005
NC7NZ17 ONSEMI-NC7NZ17 Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com