Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-434PGD2J-G5-3G-T Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # LL-434PGD2J-G5-3G-T
Description  3.9횞3.0mm Elliptical Wide Angle Pure Green LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-434PGD2J-G5-3G-T Datasheet(HTML) 1 Page - Lucky Light Electronic

  LL-434PGD2J-G5-3G-T Datasheet HTML 1Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 2Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 3Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 4Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 5Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 6Page - Lucky Light Electronic LL-434PGD2J-G5-3G-T Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Luckylight
Spec No: B405X250
Rev No: V.2
Date: Jun/16/2009
Page: 1 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Part No.: LL-434PGD2J-G5-3G-T
3.9×3.0mm Elliptical Wide Angle
Pure Green LED
Technical Data Sheet


Similar Part No. - LL-434PGD2J-G5-3G-T

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-434PGD2J-G5-3G-T LUCKY-LIGHT-LL-434PGD2J-G5-3G-T Datasheet
137Kb / 7P
   Pure Green LED
LL-434PGD2J-G5-3G-T LUCKY-LIGHT-LL-434PGD2J-G5-3G-T_15 Datasheet
137Kb / 7P
   Pure Green LED
More results

Similar Description - LL-434PGD2J-G5-3G-T

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-434PGD2J-G5-3B-T LUCKY-LIGHT-LL-434PGD2J-G5-3B-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Pure Green LED Technical Data Sheet
LL-434PGD2J-G5-2C-T LUCKY-LIGHT-LL-434PGD2J-G5-2C-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Pure Green LED Technical Data Sheet
LL-434BD2J-B4-1G-T LUCKY-LIGHT-LL-434BD2J-B4-1G-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Blue LED Technical Data Sheet
LL-434BD2J-B4-3B-T LUCKY-LIGHT-LL-434BD2J-B4-3B-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Blue LED Technical Data Sheet
LL-434BD2J-B4-2G-T LUCKY-LIGHT-LL-434BD2J-B4-2G-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Blue LED Technical Data Sheet
LL-434UYD2J-Y2-4G-T LUCKY-LIGHT-LL-434UYD2J-Y2-4G-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Ultra Yellow LED Technical Data Sheet
LL-434VD2J-V1-TS-T LUCKY-LIGHT-LL-434VD2J-V1-TS-T Datasheet
134Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Ultra Red LED Technical Data Sheet
LL-434UYD2J-Y2-TS-T LUCKY-LIGHT-LL-434UYD2J-Y2-TS-T Datasheet
134Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Ultra Yellow LED Technical Data Sheet
LL-434VD2J-V1-4I-T LUCKY-LIGHT-LL-434VD2J-V1-4I-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Ultra Red LED Technical Data Sheet
LL-434VD2J-V1-3B-T LUCKY-LIGHT-LL-434VD2J-V1-3B-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Ultra Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com