Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO5022P-334KLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO5022P-334KLD
Description  SMT Power Inductors - DO5022P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO5022P-334KLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO5022P-334KLD Datasheet HTML 1Page - Coilcraft lnc. DO5022P-334KLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMTPowerInductors– DO5022P
Document 172-1
Document 172-1 Revised 12/09/11
DCR
SRF
Isat (A)5
L2
Percent
max
typ4
10% 20%
Irms6
Part number1
(µH)
tol3
(Ohms) (MHz)
drop drop
(A)
DO5022P-102ML_
1.0
20
0.009
80
27.6
28.8
8.6
DO5022P-222ML_
2.2
20
0.014
80
18.5
19.8
7.1
DO5022P-332ML_
3.3
20
0.018
60
14.5
15.5
6.2
DO5022P-562ML_
5.6
20
0.020
40
12.5
13.8
5.3
DO5022P-822ML_
8.2
20
0.029
30
10.3
11.5
4.8
DO5022P-103ML_
10
20
0.031
30
9.4
10.5
4.3
DO5022P-153ML_
15
20
0.036
22
7.5
8.2
4.0
DO5022P-223ML_
22
20
0.047
20
6.5
7.2
3.5
DO5022P-333ML_
33
20
0.066
15
5.2
6.1
3.0
DO5022P-473ML_
47
20
0.086
9
4.2
4.7
2.6
DO5022P-683_L_
68
20,10
0.13
8
3.7
4.1
2.3
DO5022P-104_L_
100
20,10
0.19
7
3.0
3.4
1.8
DO5022P-154_L_
150
20,10
0.25
6
2.5
2.8
1.5
DO5022P-224_L_
220
20,10
0.38
5
2.0
2.3
1.2
DO5022P-334_L_
330
20,10
0.56
4
1.7
1.9
1.0
DO5022P-474_L_
470
20,10
0.85
3
1.5
1.7
0.82
DO5022P-684_L_
680
20,10
1.1
2.5
1.2
1.3
0.72
DO5022P-105_L_
1000
20,10
1.8
2.0
0.95
1.1
0.56
1. Specify
tolerance, termination and packaging codes:
DO5022P-105MLD
Tolerance:
M = 20%, K = 10% (Table shows stock
tolerances in bold.)
Termination: L = RoHS compliant gold over nickel over
phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging:
D = 13
″ machine-ready reel. EIA-481
embossed plastic tape (250 parts per
full reel).
B = Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter D
instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an
Agilent/HP 4263B LCR meter or equivalent.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF >13 MHz measured using Agilent/HP 8753D
network analyzer; <13 MHz using Agilent/HP 4192A.
5. DC current at which inductance drops the specified
amount from its value without current.
6. Current that causes a 40°C temperature rise from 25°C
ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Designer’s Kit C311 contains 3 of each 20% tolerance part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant gold over nickel over phos bronze.
Other terminations available at additional cost.
Weight 2.8– 3.9 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250 per 13
″ reel Plastic tape: 32 mm wide,
0.38 mm thick, 24 mm pocket spacing, 7.8 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Excellent current handling – up to 28.8 Asat.
• Low dc resistance keeps power losses to a minimum


Similar Part No. - DO5022P-334KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5022P-334KLD COILCRAFT-DO5022P-334KLD Datasheet
250Kb / 2P
   SMT Power Inductors - DO5022P
More results

Similar Description - DO5022P-334KLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5022P-333 COILCRAFT-DO5022P-333 Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-224 COILCRAFT-DO5022P-224 Datasheet
243Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-153 COILCRAFT-DO5022P-153 Datasheet
250Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P COILCRAFT-DO5022P_15 Datasheet
517Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-223 COILCRAFT-DO5022P-223 Datasheet
243Kb / 2P
   SMT Power Inductors ??DO5022P
DO5022P-104MLD COILCRAFT-DO5022P-104MLD Datasheet
250Kb / 2P
   SMT Power Inductors - DO5022P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com