Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ132K8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZ132K8X
Description  TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ132K8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZ132K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ132K8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD (CPD)(VCC)(fIN) (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
1.0 MHz; tw 500 ns
FIGURE 1. AC Test Circuit
Input
AC Waveform; tr
tf 1.8 ns;
PRR
10 MHz; Duty Cycle
50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
ICC
Quiescent Supply Current
1.65 to 5.5
1
10
PAVIN 5.5V, GND
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.8
r 0.15
3.0
7.1
13.0
3.0
13.5
ns
Figures
1, 3
tPHL
2.5
r 0.2
2.0
4.5
7.5
2.0
8.0
CL 15 pF,
3.3
r 0.3
1.2
3.4
5.0
1.2
5.5
RL 1 M:
5.0
r 0.5
0.8
2.6
3.8
0.8
4.2
tPLH,
Propagation Delay
3.3
r 0.3
1.8
4.0
5.8
1.8
6.3
ns
CL 50 pF,
Figures
1, 3
tPHL
5.0
r 0.5
1.2
3.1
4.5
1.2
4.9
RL 500:
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation Capacitance
3.3
15
pF
(Note 4)
Figure 2
5.0
18


Similar Part No. - NC7WZ132K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ132K8X ONSEMI-NC7WZ132K8X Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
NC7WZ132K8X ONSEMI-NC7WZ132K8X Datasheet
433Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March, 2022 - Rev. 4
NC7WZ132K8X-L22236 ONSEMI-NC7WZ132K8X-L22236 Datasheet
433Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ132K8X FAIRCHILD-NC7WZ132K8X_08 Datasheet
699Kb / 10P
   TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
More results

Similar Description - NC7WZ132K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132_V01 Datasheet
433Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ132 FAIRCHILD-NC7WZ132_08 Datasheet
699Kb / 10P
   TinyLogic UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com