Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ126K8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ126K8X
Description  TinyLogic UHS Dual Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ126K8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ126K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ126K8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500397
www.fairchildsemi.com
March 2001
Revised January 2005
NC7WZ126
TinyLogic
 UHS Dual Buffer with 3-STATE Outputs
General Description
The NC7WZ126 is a Dual Non-Inverting Buffer with inde-
pendent active HIGH enables for the 3-STATE outputs. The
Ultra High Speed device is fabricated with advanced
CMOS technology to achieve superior switching perfor-
mance with high output drive while maintaining low static
power dissipation over a broad VCC operating range. The
device is specified to operate over the 1.65V to 5.5V VCC
operating range. The inputs and outputs are high imped-
ance when VCC is 0V. Inputs tolerate voltages up to 5.5V
independent of VCC operating range. Outputs tolerate volt-
ages above VCC when in the 3-STATE condition.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s Ultra High Speed; tPD 2.6 ns Typ into 50 pF at 5V VCC
s High Output Drive;
±24 mA at 3V V
CC
s Broad VCC Operating Range: 1.65V to 5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/outputs
s Overvoltage tolerant inputs facilitate 5V to 3V
translation
s Outputs are overvoltage tolerant in 3-STATE mode
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Z
= 3-STATE
Connection Diagrams
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WZ126K8X
MAB08A
WZ26
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WZ126L8X
MAC08A
T6
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel
Pin Names
Description
OEn
Enable Inputs for 3-STATE Outputs
An
Inputs
Yn
3-STATE Outputs
Inputs
Output
OE
An
Yn
HL
L
HHH
LL
Z
LH
Z


Similar Part No. - NC7WZ126K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ126K8X ONSEMI-NC7WZ126K8X Datasheet
275Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
More results

Similar Description - NC7WZ126K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ125 FAIRCHILD-NC7WZ125 Datasheet
178Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ126 ONSEMI-NC7WZ126 Datasheet
275Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ241 FAIRCHILD-NC7WZ241 Datasheet
183Kb / 9P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ125 ONSEMI-NC7WZ125 Datasheet
631Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ240 FAIRCHILD-NC7WZ240 Datasheet
182Kb / 9P
   TinyLogic. UHS Dual Inverting Buffer with 3-STATE Outputs
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com