Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402AF-510XJLU Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402AF-510XJLU
Description  Chip Inductors ??0402AF Series (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402AF-510XJLU Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402AF-510XJLU Datasheet HTML 1Page - Coilcraft lnc. 0402AF-510XJLU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors–0402AF Series (1005)
Document 422-1
Document 422-1 Revised 12/17/12
Inductance2
Impedance typ (Ohms)
SRF typ3
DCR max4
Irms5
Part number1
±5% (nH)
900 MHz
1.7 GHz
(MHz)
(Ohms)
(mA)
0402AF-200XJL_
20
83
118
2600
0.050
1600
0402AF-220XJL_
22
96
146
2500
0.065
1300
0402AF-330XJL_
33
142
207
2300
0.060
1400
0402AF-360XJL_
36
157
249
2300
0.075
1300
0402AF-390XJL_
39
173
263
2200
0.115
830
0402AF-510XJL_
51
218
330
1930
0.070
1100
0402AF-560XJL_
56
239
360
1900
0.095
1000
0402AF-720XJL_
72
311
453
1650
0.100
1000
0402AF-780XJL_
78
344
522
1600
0.130
970
0402AF-101XJL_
100
513
850
1400
0.160
900
0402AF-141XJL_
140
629
949
1220
0.260
630
0402AF-181XJL_
180
832
1270
1150
0.280
560
0402AF-201XJL_
200
1110
1890
1000
0.440
400
0402AF-221XJL_
220
1050
1560
1150
0.530
380
0402AF-251XJL_
250
1230
1940
900
0.360
520
0402AF-271XJL_
270
1320
1960
860
0.550
360
0402AF-301XJL_
300
1550
2230
860
0.410
420
0402AF-331XJL_
330
1850
2880
820
0.560
350
0402AF-361XJL_
360
1920
2640
810
0.575
360
0402AF-391XJL_
390
2350
2970
760
0.750
300
0402AF-421XJL_
420
2270
2800
700
0.700
340
0402AF-471XJL_
470
2680
3010
650
0.730
310
0402AF-561XJL_
560
3620
3110
600
0.920
200
1. When ordering, please specify
termination and packaging codes:
0402AF-561XJLW
Termination: L = RoHS compliant gold over nickel over silver-palladi-
um-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
Q = 7
″ machine-ready reel. EIA-481 punched paper
tape (5000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 7.9 MHz, 0.1 Vrms, using an Agilent/HP
4286A LCR meter or equivalent with a Coilcraft SMD-F test fixture and
Coilcraft-provided correlation pieces.
3. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
4. DCR measured on Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
5. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
•Higherinductancevaluesthanother0402inductors
•Ferriteconstructionforhighcurrenthandling
•23inductancevaluesfrom20nHto560nH
Designer’s Kit C397 contains 20 each of all values
Core material Ferrite
Terminations RoHS compliant gold over nickel over silver-palladium-
glass frit. Other terminations available at additional cost.
Weight 0.9 – 1.1 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +150 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 or 5000 per 7
″ reel. Paper tape: 8 mm wide,
0.68 mm thick, 2 mm pocket spacing
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.


Similar Part No. - 0402AF-510XJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402AF-510XJL COILCRAFT-0402AF-510XJL Datasheet
204Kb / 2P
   Chip Inductors
0402AF-510XJL_ COILCRAFT-0402AF-510XJL_ Datasheet
130Kb / 2P
   Chip Inductors
More results

Similar Description - 0402AF-510XJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com