Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7WZ125 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. NC7WZ125
Description  TinyLogic UHS Dual Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7WZ125 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500396
www.fairchildsemi.com
March 2001
Revised January 2005
NC7WZ125
TinyLogic
 UHS Dual Buffer with 3-STATE Outputs
General Description
The NC7WZ125 is a Dual Non-Inverting Buffer with inde-
pendent active LOW enables for the 3-STATE outputs. The
Ultra High Speed device is fabricated with advanced
CMOS technology to achieve superior switching perfor-
mance with high output drive while maintaining low static
power dissipation over a broad VCC operating range. The
device is specified to operate over the 1.65V to 5.5V VCC
operating range. The inputs and outputs are high imped-
ance when VCC is 0V. Inputs tolerate voltages up to 5.5V
independent of VCC operating range. Outputs tolerate volt-
ages above VCC when in the 3-STATE condition.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s Ultra High Speed; tPD 2.6 ns typ into 50 pF at 5V VCC
s High Output Drive;
±24 mA at 3V V
CC
s Broad VCC Operating Range; 1.65V to 5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/outputs
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Outputs are overvoltage tolerant in 3-STATE mode
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Z
= 3-STATE
Connection Diagrams
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Product
Code Top
Mark
Package Description
Supplied As
NC7WZ125K8X
MAB08A
WZ25
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WZ125L8X
MAC08A
P3
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel
Pin Names
Description
OEn
Enable Inputs for 3-STATE Outputs
An
Input
Yn
3-STATE Outputs
Inputs
Output
OE
An
Yn
LLL
LH
H
HL
Z
HH
Z


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn