Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ08
Description  TinyLogic UHS Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ08 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500268
www.fairchildsemi.com
April 2000
Revised February 2005
NC7WZ08
TinyLogic
£ UHS Dual 2-Input AND Gate
General Description
The NC7WZ08 is a dual 2-Input AND Gate from Fairchild's
Ultra High Speed Series of TinyLogic
£. The device is fabri-
cated with advanced CMOS technology to achieve ultra
high speed with high output drive while maintaining low
static power dissipation over a very broad VCC operating
range. The device is specified to operate over the 1.65V to
5.5V VCC range. The inputs and output are high impedance
when VCC is 0V. Inputs tolerate voltages up to 7V indepen-
dent of VCC operating voltage.
Features
s Space saving US8 surface mount package
s MicroPak
¥ Pb-Free leadless package
s Ultra High Speed; tPD 2.5 ns Typ into 50 pF at 5V VCC
s High Output Drive;
r24 mA at 3V VCC
s Broad VCC Operating Range; 1.65V to 5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/output
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates lead-free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
TinyLogic
£is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
¥ is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WZ08K8X
MAB08A
WZ08
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm
Wide
3k Units on Tape and Reel
NC7WZ08K8X_NL
(Note 1)
MAB08A
WZ08
Pb-Free 8-Lead US8, JEDEC MO-187, Variation CA
3.1mm Wide
3k Units on Tape and Reel
NC7WZ08L8X
MAC08A
N4
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7WZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08 Datasheet
570Kb / 12P
   UHS Dual 2-Input AND Gate
October 2008 Rev. 1.11.0
NC7WZ08 ONSEMI-NC7WZ08 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
NC7WZ08K8X ONSEMI-NC7WZ08K8X Datasheet
570Kb / 12P
   UHS Dual 2-Input AND Gate
October 2008 Rev. 1.11.0
NC7WZ08K8X ONSEMI-NC7WZ08K8X Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
NC7WZ08K8X-L22236 ONSEMI-NC7WZ08K8X-L22236 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
More results

Similar Description - NC7WZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
logo
Fairchild Semiconductor
NC7WZ32 FAIRCHILD-NC7WZ32 Datasheet
173Kb / 7P
   TinyLogic UHS Dual 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com