Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ08 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZ08
Description  TinyLogic UHS Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ08 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZ08 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD (CPD) (VCC) (fIN)  (ICC static)
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
1.0 MHz, tw
500 ns
FIGURE 1. AC Test Circuit
Input
Ac Waveform; tr tf 1.8 ns;
PRR
10 MHz; Duty Cycle
50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.8
r 0.15
2.0
5.7
10.5
2.0
11.0
ns
Figures
1, 3
tPHL
2.5
r 0.2
1.0
3.5
5.8
1.0
6.2
CL 15 pF,
3.3
r 0.3
0.8
2.6
3.9
0.8
4.3
RL 1 M:
5.0
r 0.5
0.5
1.9
3.1
0.5
3.3
tPLH,
Propagation Delay
3.3
r 0.3
1.2
3.2
4.8
1.2
5.2
ns
CL 50 pF,
Figures
1, 3
tPHL
5.0
r 0.5
0.8
2.5
3.7
0.8
4.0
RL 500:
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation Capacitance
3.3
14.5
pF
(Note 4)
Figure 2
5.0
19.5


Similar Part No. - NC7WZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08 Datasheet
570Kb / 12P
   UHS Dual 2-Input AND Gate
October 2008 Rev. 1.11.0
NC7WZ08 ONSEMI-NC7WZ08 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
NC7WZ08K8X ONSEMI-NC7WZ08K8X Datasheet
570Kb / 12P
   UHS Dual 2-Input AND Gate
October 2008 Rev. 1.11.0
NC7WZ08K8X ONSEMI-NC7WZ08K8X Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
NC7WZ08K8X-L22236 ONSEMI-NC7WZ08K8X-L22236 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
More results

Similar Description - NC7WZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
logo
Fairchild Semiconductor
NC7WZ32 FAIRCHILD-NC7WZ32 Datasheet
173Kb / 7P
   TinyLogic UHS Dual 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com