Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4680DSQ12T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4680DSQ12T1G
Description  150 mA, Low Noise Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4680DSQ12T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4680DSQ12T1G Datasheet HTML 1Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 2Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 3Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 4Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 5Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 6Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 7Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 8Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP4680
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN 0.8 x 0.8 mm
Thermal Resistance, Junction−to−Air
RqJA
350
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.1 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.40
5.25
V
Output Voltage
TA = +25 °C
VOUT ≥ 1.8 V
VOUT
x0.99
x1.01
V
VOUT < 1.8 V
−18
18
mV
−40°C ≤ TA ≤ 85°C
VOUT ≥ 1.8 V
x0.985
x1.015
V
VOUT < 1.8 V
−50
50
mV
Output Voltage Temp. Coefficient
−40°C ≤ TA ≤ 85°C
VOUT ≥ 1.8 V
DVOUT/DTA
±30
ppm/°C
VOUT < 1.8 V
±100
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.25 V, VIN ≥ 1.4 V
LineReg
0.02
0.10
%/V
Load Regulation
IOUT = 1 mA to 150 mA
LoadReg
5
30
mV
Dropout Voltage
IOUT = 150 mA
VOUT = 0.8 V
VDO
0.70
1.00
V
VOUT = 0.9 V
0.62
0.91
1.0 V ≤ VOUT < 1.2 V
0.56
0.82
1.2 V ≤ VOUT < 1.4 V
0.47
0.67
1.4 V ≤ VOUT < 1.8 V
0.39
0.54
1.8 V ≤ VOUT < 2.1 V
0.33
0.48
2.1 V ≤ VOUT < 2.5 V
0.28
0.40
2.5 V ≤ VOUT < 3.0 V
0.25
0.35
3.0 V ≤ VOUT < 3.6 V
0.23
0.32
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
40
mA
Quiescent Current
IQ
50
70
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
1.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.3
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V, DVIN = 0.2 Vpk−pk,
IOUT = 30 mA, f = 1 kHz
PSRR
75
dB
Output Noise Voltage
f = 10 Hz to 100 kHz,
IOUT = 30 mA
VOUT ≥ 1.8 V
VN
20 x
VOUT
mVrms
VOUT < 1.8 V
40 x
VOUT
Low Output N−channel Tr. On Res-
istance
VIN = 4 V, VCE = 0 V
RLOW
60
W
Minimum Start−up Equivalent Res-
istance
VOUT ≤ 1.8 V (Note 3)
RSUMIN
13 *
VOUT
W
VOUT > 1.8 V
6.7 *
VOUT
3. See Current Limit paragraph in application part for explanation.


Similar Part No. - NCP4680DSQ12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX33TCG ONSEMI-NCP4681DMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4680DSQ12T1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com