Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WB66L8X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WB66L8X
Description  TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WB66L8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WB66L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WB66L8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
Input driven by 50
Ω source terminated in 50Ω
CL includes load and stray capacitance.
Input PRR
= 1.0 MHz; t
w = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
FIGURE 3. Channel Off Capacitance
FIGURE 4. Channel On Capacitance


Similar Part No. - NC7WB66L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WB66L8X FAIRCHILD-NC7WB66L8X Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
logo
ON Semiconductor
NC7WB66L8X ONSEMI-NC7WB66L8X Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
More results

Similar Description - NC7WB66L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66 Datasheet
113Kb / 10P
   TinyLogic Low Voltage UHS Single SPST
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
logo
ON Semiconductor
FSA266 ONSEMI-FSA266 Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
logo
Fairchild Semiconductor
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com