Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS25411SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS25411SPBF
Description  LED BUCK REGULATOR CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS25411SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS25411SPBF Datasheet HTML 1Page - International Rectifier IRS25411SPBF Datasheet HTML 2Page - International Rectifier IRS25411SPBF Datasheet HTML 3Page - International Rectifier IRS25411SPBF Datasheet HTML 4Page - International Rectifier IRS25411SPBF Datasheet HTML 5Page - International Rectifier IRS25411SPBF Datasheet HTML 6Page - International Rectifier IRS25411SPBF Datasheet HTML 7Page - International Rectifier IRS25411SPBF Datasheet HTML 8Page - International Rectifier IRS25411SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IRS254(01,11)(S)
www.irf.com
© 2010 International Rectifier
3
Description
The IRS254(01,11) are high voltage, high frequency buck control ICs for constant LED current regulation. They
incorporate a continuous mode time-delayed hysteretic buck regulator to directly control the average load current,
using an accurate on-chip bandgap voltage reference. These parts directly replace the IRS2540 and IRS2541
with improved latch up immunity.
The application is inherently protected against short circuit conditions, with the ability to easily add open-circuit
protection. An external high-side bootstrap circuit drives the buck switching element at high frequencies. A low-
side driver is also provided for synchronous rectifier designs. All functions are realized within a simple 8 pin DIP
or SOIC package.


Similar Part No. - IRS25411SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25411S IRF-IRS25411S Datasheet
501Kb / 2P
   High-Voltage Buck Control ICs for Constant LED Current Regulation
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results

Similar Description - IRS25411SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com