Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WB66K8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WB66K8X
Description  TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WB66K8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WB66K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WB66K8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500373
www.fairchildsemi.com
May 2000
Revised August 2003
NC7WB66
TinyLogic
 Low Voltage UHS Dual SPST
Normally Open Bus Switch
General Description
The NC7WB66 is an ultra high-speed (UHS) dual single-
pole/single-throw (SPST) bus switch. The device is fabri-
cated with advanced sub-micron CMOS technology to
achieve high speed enable and disable times and low On
Resistance over a broad VCC range. The device is speci-
fied to operate over the 1.65 to 5.5V VCC operating range.
The device is organized as a dual switch with independent
CMOS compatible switch enable (OE) controls. When OE
is HIGH, the switch is ON and Port A is connected to Port
B. When OE is LOW, the switch is OPEN and a high-
impedance state exists between the two ports. The enable
inputs tolerate voltages up to 5.5V independent of the VCC
operating range.
Features
s Useful in both analog and digital applications
s Space saving US8 surface mount package
s MicroPak
 leadless package
s Typical 7
Ω On Resistance @ 5V V
CC
s Broad VCC operating range: 1.65V to 5.5V
s Rail-to-rail signal handling
s Power down high impedance control inputs
s Control inputs are overvoltage tolerant
s Control inputs are CMOS compatible
Ordering Code:
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number Top Mark
NC7WB66K8X MAB08A
WB66
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3K Units on Tape and Reel
NC7WB66L8X MAC08A
P4
8-Lead MicroPak, 1.6 mm Wide
5K Units on Tape and Reel


Similar Part No. - NC7WB66K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WB66K8X FAIRCHILD-NC7WB66K8X Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
logo
ON Semiconductor
NC7WB66K8X ONSEMI-NC7WB66K8X Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
More results

Similar Description - NC7WB66K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66 Datasheet
113Kb / 10P
   TinyLogic Low Voltage UHS Single SPST
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
logo
ON Semiconductor
FSA266 ONSEMI-FSA266 Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
logo
Fairchild Semiconductor
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com