Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS25411 Datasheet(PDF) 10 Page - International Rectifier

Part # IRS25411
Description  LED BUCK REGULATOR CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS25411 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS25411 Datasheet HTML 6Page - International Rectifier IRS25411 Datasheet HTML 7Page - International Rectifier IRS25411 Datasheet HTML 8Page - International Rectifier IRS25411 Datasheet HTML 9Page - International Rectifier IRS25411 Datasheet HTML 10Page - International Rectifier IRS25411 Datasheet HTML 11Page - International Rectifier IRS25411 Datasheet HTML 12Page - International Rectifier IRS25411 Datasheet HTML 13Page - International Rectifier IRS25411 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IRS254(01,11)(S)
www.irf.com
© 2010 International Rectifier
10
Lead Definitions
PIN #
Symbol
Description
1
VCC
Supply voltage
2
COM
IC power & signal ground
3
IFB
Current feedback
4
ENN
Disable outputs (LO=High, HO=Low)
5
LO
Low–side gate driver output
6
VS
High–side floating return
7
HO
High–side gate driver output
8
VB
High–side gate driver floating supply
Lead Assignments


Similar Part No. - IRS25411

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25411S IRF-IRS25411S Datasheet
501Kb / 2P
   High-Voltage Buck Control ICs for Constant LED Current Regulation
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results

Similar Description - IRS25411

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com