Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCRCA0848A-2R Datasheet(PDF) 1 Page - Dubilier

Part # DBCRCA0848A-2R
Description  AUDIO RCA JACK RIGHT ANGLED SOCKET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRCA0848A-2R Datasheet(HTML) 1 Page - Dubilier

  DBCRCA0848A-2R Datasheet HTML 1Page - Dubilier DBCRCA0848A-2R Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
155
ORDERING INFORMATION
AUDIO
RCA JACK RIGHT ANGLED SOCKET
SPECIFICATION
DBC
RCA
0848A
-2B
Dubilier
Connectors
RCA Jacks
Series
Colour
-2B = Black
-2R = Red
-2W = White
-2Y - Yellow
Competitively priced
Industry Compatible
PCB Mounting
OUTLINE DRAWING
Contact resistance:
30mΩ max. (INITIAL)
Insulation resistance:
100mΩ min. AT 500V DC
Withstanding Voltage:
500V AC for one minute
Soldering heat:
260±5°C for 5±1 seconds
Insertion Force:
0.3-3.0 KG
Extraction Force:
0.3-3.0 KG
Lifetime:
5,000 cycles min
10.0
4.0
2.00
Ø 3.3
4.0
4.0
1.50
9.5
10.0
2.2x1.2 T
S
1x2
T
S
2
1
www.dubilier.co.uk


Similar Part No. - DBCRCA0848A-2R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRCA0848A-2R DUBILIER-DBCRCA0848A-2R Datasheet
76Kb / 1P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
More results

Similar Description - DBCRCA0848A-2R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRCA0843 DUBILIER-DBCRCA0843 Datasheet
201Kb / 1P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
DBCRCS0848A-2B DUBILIER-DBCRCS0848A-2B Datasheet
76Kb / 1P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
logo
Adam Technologies, Inc.
RCA-2-X-X ADAM-TECH-RCA-2-X-X Datasheet
103Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-27-1-X ADAM-TECH-RCA-27-1-X Datasheet
80Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-4A-1-W ADAM-TECH-RCA-4A-1-W Datasheet
64Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-24-1-O-G ADAM-TECH-RCA-24-1-O-G Datasheet
76Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-2-1-X ADAM-TECH-RCA-2-1-X Datasheet
100Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-3-1-X ADAM-TECH-RCA-3-1-X Datasheet
80Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-3-2-X ADAM-TECH-RCA-3-2-X Datasheet
99Kb / 1P
   RCA JACK RIGHT ANGLE
RCA-25-1-Y-R-W-Y ADAM-TECH-RCA-25-1-Y-R-W-Y Datasheet
80Kb / 1P
   RCA JACK RIGHT ANGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com