Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS624WBBGZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADXRS624WBBGZ
Description  50,-50/s Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS624WBBGZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXRS624WBBGZ Datasheet HTML 4Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 5Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 6Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 7Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 8Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 9Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 10Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 11Page - Analog Devices ADXRS624WBBGZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXRS624
Rev. A | Page 9 of 12
THEORY OF OPERATION
The ADXRS624 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame
that is electrostatically driven to resonance, producing the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion. The resulting signal is fed
to a series of gain and demodulation stages that produce the
electrical rate signal output. The dual-sensor design rejects
external g forces and vibration. Fabricating the sensor with the
signal conditioning electronics preserves signal integrity in
noisy environments.
The electrostatic resonator requires 18 V to 20 V for operation.
Because only 5 V are typically available in most applications, a
charge pump is included on-chip. If an external 18 V to 20 V
supply is available, the two capacitors on CP1 through CP4 can
be omitted, and this supply can be connected to CP5 (Pin 6D,
Pin 7D). Note that CP5 should not be grounded when power is
applied to the ADXRS624. Although no damage occurs, under
certain conditions the charge pump may fail to start up after the
ground is removed without first removing power from the
ADXRS624.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the
bandwidth of the ADXRS624 rate response. The –3 dB
frequency set by ROUT and COUT is
(
)
OUT
OUT
OUT
C
R
f
×
×
×
=
π
2
1
and can be well controlled because ROUT is trimmed during
manufacture to be 200 kΩ ± 1%. Any external resistor applied
between the RATEOUT pin (1B, 2A) and SUMJ pin (1C, 2C)
results in
(
)
(
)
EXT
EXT
OUT
R
R
R
+
×
=
k
Ω
200
k
Ω
200
In general, an additional hardware or software filter is added to
attenuate high frequency noise arising from demodulation
spikes at the gyro’s 14 kHz resonant frequency (the noise spikes
at 14 kHz can be clearly seen in the power spectral density
curve shown in Figure 21). Typically, this additional filter’s
corner frequency is set to greater than 5× the required band-
width to preserve good phase response.
Figure 22 shows the effect of adding a 250 Hz filter to the
output of an ADXRS624 set to 40 Hz bandwidth (as shown in
Figure 21). High frequency demodulation artifacts are
attenuated by approximately 18 dB.
0.1
0.01
0.000001
0.00001
0.0001
0.001
10
100k
1k
100
(Hz)
10k
Figure 22. Noise Spectral Density with Additional 250 Hz Filter
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS624 has a temperature
proportional voltage output that provides input to such a
calibration method. The temperature sensor structure is shown
in Figure 23. The temperature output is characteristically
nonlinear, and any load resistance connected to the TEMP
output results in decreasing the TEMP output and temperature
coefficient. Therefore, buffering the output is recommended.
The voltage at the TEMP pin (3F, 3G) is nominally 2.5 V at
25°C and VRATIO= 5 V. The temperature coefficient is ~9 mV/°C
at 25°C. Although the TEMP output is highly repeatable, it has
only modest absolute accuracy.
VRATIO
RTEMP
RFIXED
VTEMP
Figure 23. ADXRS624 Temperature Sensor Structure
CALIBRATED PERFORMANCE
Using a three-point calibration technique, it is possible to
calibrate the null and sensitivity drift of the ADXRS624 to an
overall accuracy of nearly 200°/hour. An overall accuracy of
40°/hour or better is possible using more points.
Limiting the bandwidth of the device reduces the flat-band
noise during the calibration process, improving the measure-
ment accuracy at each calibration point.
ADXRS624 AND SUPPLY RATIOMETRICITY
The ADXRS624 RATEOUT and TEMP signals are ratiometric
to the VRATIO voltage; that is, the null voltage, rate sensitivity, and
temperature outputs are proportional to VRATIO. Thus, the
ADXRS624 is most easily used with a supply-ratiometric ADC
that results in self-cancellation of errors due to minor supply
variations. There is some small error due to nonratiometric


Similar Part No. - ADXRS624WBBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS624WBBGZ AD-ADXRS624WBBGZ Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624WBBGZ-RL AD-ADXRS624WBBGZ-RL Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results

Similar Description - ADXRS624WBBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com